Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24LC1025-E/P Datasheet(PDF) 5 Page - Microchip Technology

Part # 24LC1025-E/P
Description  1024K I2C Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC1025-E/P Datasheet(HTML) 5 Page - Microchip Technology

  24LC1025-E/P Datasheet HTML 1Page - Microchip Technology 24LC1025-E/P Datasheet HTML 2Page - Microchip Technology 24LC1025-E/P Datasheet HTML 3Page - Microchip Technology 24LC1025-E/P Datasheet HTML 4Page - Microchip Technology 24LC1025-E/P Datasheet HTML 5Page - Microchip Technology 24LC1025-E/P Datasheet HTML 6Page - Microchip Technology 24LC1025-E/P Datasheet HTML 7Page - Microchip Technology 24LC1025-E/P Datasheet HTML 8Page - Microchip Technology 24LC1025-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
 2005-2013 Microchip Technology Inc.
DS20001941L-page 5
24AA1025/24LC1025/24FC1025
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
2.1
A0, A1 Chip Address Inputs
The A0 and A1 inputs are used by the 24XX1025 for
multiple device operations. The levels on these inputs
are compared with the corresponding bits in the slave
address. The chip is selected if the comparison is true.
Up to four devices may be connected to the same bus
by using different Chip Select bit combinations. In most
applications, the chip address inputs A0 and A1 are
hard-wired to logic ‘0’ or logic ‘1’. For applications in
which these pins are controlled by a microcontroller or
other programmable device, the chip address pins
must be driven to logic ‘0’ or logic ‘1’ before normal
device operation can proceed.
2.2
A2 Chip Address Input
The A2 input is non-configurable Chip Select. This pin
must be tied to VCC in order for this device to operate.
If left floating or tied to VSS, device operation will be
undefined.
2.3
Serial Data (SDA)
This is a bidirectional pin used to transfer addresses
and data into and data out of the device. It is an open-
drain terminal, therefore, the SDA bus requires a pull-
up resistor to VCC (typical 10 k
 for 100kHz, 2kfor
400 kHz and 1 MHz).
For normal data transfer SDA is allowed to change only
during SCL low. Changes during SCL high are
reserved for indicating the Start and Stop conditions.
2.4
Serial Clock (SCL)
This input is used to synchronize the data transfer from
and to the device.
2.5
Write-Protect (WP)
This pin must be connected to either VSS or VCC. If tied
to VSS, write operations are enabled. If tied to VCC,
write operations are inhibited, but read operations are
not affected.
Name
PDIP
SOIJ
SOIC
Function
A0
1
1
1
User Configurable Chip Select
A1
2
2
2
User Configurable Chip Select
A2
3
3
3
Non-Configurable Chip Select.
This pin must be hard-wired to logical 1 state (VCC). Operation will
be undefined with this pin left floating or held to logical 0 (VSS).
VSS
4
4
4
Ground
SDA
5
5
5
Serial Data
SCL
6
6
6
Serial Clock
WP
7
7
7
Write-Protect Input
VCC
8
8
8
+1.7 to 5.5V (24AA1025)
+2.5 to 5.5V (24LC1025)
+1.8 to 5.5V (24FC1025)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com