Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ELM901F-SERIES Datasheet(PDF) 5 Page - ELM Electronics

Part # ELM901F-SERIES
Description  1A 2x Charge Pump LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM901F-SERIES Datasheet(HTML) 5 Page - ELM Electronics

  ELM901F-SERIES Datasheet HTML 1Page - ELM Electronics ELM901F-SERIES Datasheet HTML 2Page - ELM Electronics ELM901F-SERIES Datasheet HTML 3Page - ELM Electronics ELM901F-SERIES Datasheet HTML 4Page - ELM Electronics ELM901F-SERIES Datasheet HTML 5Page - ELM Electronics ELM901F-SERIES Datasheet HTML 6Page - ELM Electronics ELM901F-SERIES Datasheet HTML 7Page - ELM Electronics ELM901F-SERIES Datasheet HTML 8Page - ELM Electronics ELM901F-SERIES Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
ELM901FxA 1A 2x Charge Pump LED Driver
■Operation
11 -
ELM901 is designed to drive high luminosity LED which is powered by 1 lithium-ion/polymer battery with
constant current. When the battery voltage is much higher than LED forward voltage, LED is lit by connecting
directly to the battery; output voltage is stepped up to 5.5V by internal charge pump circuit to light LED when
voltage drops. LED current is driven by the constant current circuit which is set by external programming resis-
tors. With 2 types of LED current programming resistors, 3 current-driving options can be designed by different
combinations of enable circuit. ELM901A is capable of supplying output current up to 1A and thus able to pro-
vide high luminosity. To avoid LED burnout caused by longtime lighting by large current, the internal lighting
timer of ELM901A can shut down current forcibly. The timer only operates when maximum setting current is
on and can be set to 3 options-0.2s, 0.5s, 1s by external resistors connected to FS. This timer can be turned off
when it is short between FS and VIN or FS is open.
Operation right after power is supplied
ELM901 becomes standby operation when EN1=EN2=0 or open(standby); unde this operation, high
resistance PMOS switch between VIN and VO becomes ON. PMOS switch (=switch 4) between CP and
VO and NMOS switch (=switch 1) between CM and PGND1 also become on. Hence, output capacitor Co
and flying capacitor C1 are gradually charged through high resistance PMOS switch; it takes 5ms to full-
charge after the power is on. Rush current may happen when operation starts within 5ms after power is on.
Standby mode
In this mode, output capacitor Co and flying capacitor become fully charged, and through individual high
resistance PMOS switch, VIN is turned to be output mode. With maintenance of fully-charged mode during
standby situation, it is possible to avoid rush current when operation begins and lighten LED rapidly.
Start-up mode
During start-up, ELM901 detects VO short first; the low resistance switch between VIN-VO becomes on
and operates in 1x mode if short is not detected. When short is detected, Vo maintains the same condi-
tion as in standby mode, the output of LED also remains off while other internal circuits are operated nor-
mally. 1x mode is operated right after short is solved. It takes 30ms(typ.) from start-up to 1x mode output.
Vo=Vin under normal operation, and inrush current does not occur due to the charge of capacitor. When
abnormality (Vo>0.7V) such as short between VO and GND which is resulted from resistance of 10~1KΩ,
inrush current occurs due to the charge of capacitor. LED current becomes ON after 130μs(typ.) after starp-
up; it takes less than 100us since LED current becomes ON until the set current flows.
1x mode
When dropout of LED pin is detected under 1x mode, the operation switches to 2x mode automatically.
When LED current works under “low” current mode, the operation remains 1x mode for around 150ms
even if the dropout of LED pin is detected; if dropout is dissolved during this period of time, timer is reset
and 1x mode continues. When the operation is by “high” or “low+high” current, it becomes 2x mode after
2ms; if dropout is dissolved during this period of time, timer is reset and 1x mode continues. Dropout de-
tection voltage is in proportion to Iled when it is above 240mA(typ.) and the voltage is regulated to 100mV
when Iled is small.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com