Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KSZ8041MLL Datasheet(PDF) 2 Page - Microchip Technology

Part # KSZ8041MLL
Description  KSZ8041 Silicon Errata and Data Sheet Clarification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8041MLL Datasheet(HTML) 2 Page - Microchip Technology

  KSZ8041MLL Datasheet HTML 1Page - Microchip Technology KSZ8041MLL Datasheet HTML 2Page - Microchip Technology KSZ8041MLL Datasheet HTML 3Page - Microchip Technology KSZ8041MLL Datasheet HTML 4Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KSZ8041
DS80000700A-page 2
 2016 Microchip Technology Inc.
Silicon Errata Issues
Module 1:
Receiver error in 100BASE-TX mode following software power down
DESCRIPTION
Some KSZ8041 devices may exhibit receiver errors after the software power down bit (register 0h, bit 11), is set and
then cleared. The problem only occurs following software power down. There is no issue following power up or hardware
reset.
END USER IMPLICATIONS
When the failure occurs:
• The RXER pin is asserted randomly
• The RXER counter (register 15h) increments
• The RXER interrupt bit (register 1Bh, bit 6) is set
• 100BASE-TX receive side exhibits errors (transmit side functions properly)
• 10BASE-T transmit and receive function properly
The only ways to exit the failure condition are:
• Cycle power off and on
• Set and clear the software power down bit (this method may resolve the issue, but is not guaranteed)
Work around
It is recommended to not use the software power-down feature.
PLAN
This errata will not be covered in a future revision.
TABLE 2:
SILICON ISSUE SUMMARY
Item
Number
Silicon Issue Summary
1.
Receiver error in 100BASE-TX mode following software power down
2.
Pin Strapping failures due to 1.8V core power slow ramp-up



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com