| Electronic Components Datasheet Search |
|
SMBF5342B Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD |
|
|
|||||||||||||||||||||||||||||
SMBF5342B Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD |
|
2 / 2 page ![]() SMBF5388B SMBF5387B SMBF5386B SMBF5385B SMBF5384B SMBF5383B SMBF5382B SMBF5381B SMBF5380B SMBF5379B SMBF5378B SMBF5377B SMBF5376B SMBF5375B SMBF5374B SMBF5373B SMBF5372B SMBF5371B SMBF5370B SMBF5369B SMBF5368B SMBF5367B SMBF5366B SMBF5365B SMBF5364B SMBF5363B SMBF5362B SMBF5361B SMBF5360B SMBF5359B SMBF5358B SMBF5357B SMBF5356B SMBF5355B SMBF5354B SMBF5353B SMBF5352B SMBF5351B SMBF5350B SMBF5349B SMBF5348B SMBF5347B SMBF5346B SMBF5345B SMBF5344B SMBF5343B SMBF5342B SMBF5341B SMBF5340B SMBF5339B SMBF5338B SMBF5337B SMBF5336B SMBF5335B SMBF5334B SMBF5333B 2 of 2 ELECTRICAL CHARACTERISTICS (Rating at 25 °C ambient temperature unless otherwise specified) Regulator Maximum Zener Maximum Reverse Maximum Maximum Maximum TYPE Voltage Impedance Leakage Current Zener Current Surge Current Voltage VZ @ IZT IZT ZZT @ IZT ZZK @ IZK IZK IR @ VR IZM IZSM Regulator (V) (mA) (Ω)(Ω) (mA) (μA) (V) (mA) (A) ∆VZ 3.3 380 3.0 400 1.0 300 1.0 1440 20.0 0.85 3.6 350 2.5 500 1.0 150 1.0 1320 18.7 0.80 3.9 320 2.0 500 1.0 50 1.0 1220 17.6 0.54 4.3 290 2.0 500 1.0 10 1.0 1100 16.4 0.49 4.7 260 2.0 450 1.0 5.0 1.0 1010 15.3 0.44 5.1 240 1.5 400 1.0 1.0 1.0 930 14.4 0.39 5.6 220 1.0 400 1.0 1.0 2.0 856 13.4 0.25 6.0 200 1.0 300 1.0 1.0 3.0 790 12.7 0.19 6.2 200 1.0 200 1.0 1.0 3.0 765 12.4 0.10 6.8 175 1.0 200 1.0 10 5.2 700 11.5 0.15 7.5 175 1.5 200 1.0 10 5.7 630 10.7 0.15 8.2 150 1.5 200 1.0 10 6.2 580 10.0 0.20 8.7 150 2.0 200 1.0 10 6.6 545 9.5 0.20 9.1 150 2.0 150 1.0 7.5 6.9 520 9.2 0.22 10 125 2.0 125 1.0 5.0 7.6 475 8.6 0.22 11 125 2.5 125 1.0 5.0 8.4 430 8.0 0.25 12 100 2.5 125 1.0 2.0 9.1 395 7.5 0.25 13 100 2.5 100 1.0 1.0 9.9 365 7.0 0.25 14 100 2.5 75 1.0 1.0 10.6 340 6.7 0.25 15 75 2.5 75 1.0 1.0 11.5 315 6.3 0.25 16 75 2.5 75 1.0 1.0 12.2 295 6.0 0.30 17 70 2.5 75 1.0 0.5 12.9 280 5.8 0.35 18 65 2.5 75 1.0 0.5 13.7 265 5.5 0.40 19 65 3.0 75 1.0 0.5 14.4 250 5.3 0.40 20 65 3.0 75 1.0 0.5 15.2 237 5.1 0.40 22 50 3.5 75 1.0 0.5 16.7 216 4.7 0.45 24 50 3.5 100 1.0 0.5 18.2 198 4.4 0.55 25 50 4.0 110 1.0 0.5 19.0 190 4.3 0.55 27 50 5.0 120 1.0 0.5 20.6 176 4.1 0.60 28 50 6.0 130 1.0 0.5 21.2 170 3.9 0.60 30 40 8.0 140 1.0 0.5 22.8 158 3.7 0.60 33 40 10 150 1.0 0.5 25.1 144 3.5 0.60 36 30 11 160 1.0 0.5 27.4 132 3.3 0.65 39 30 14 170 1.0 0.5 29.7 122 3.1 0.65 43 30 20 190 1.0 0.5 32.7 110 2.8 0.70 47 25 25 210 1.0 0.5 35.8 100 2.7 0.80 51 25 27 230 1.0 0.5 38.8 93.0 2.5 0.90 56 20 35 280 1.0 0.5 42.6 86.0 2.3 1.00 60 20 40 350 1.0 0.5 45.5 79.0 2.2 1.20 62 20 42 400 1.0 0.5 47.1 76.0 2.1 1.35 68 20 44 500 1.0 0.5 51.7 70.0 2.0 1.50 75 20 45 620 1.0 0.5 56.0 63.0 1.9 1.60 82 15 65 720 1.0 0.5 62.2 58.0 1.8 1.80 87 15 75 760 1.0 0.5 66.0 54.5 1.7 2.00 91 15 75 760 1.0 0.5 69.2 52.5 1.6 2.20 100 12 90 800 1.0 0.5 76.0 47.5 1.5 2.30 110 12 125 1000 1.0 0.5 83.6 43.0 1.4 2.50 120 10 170 1150 1.0 0.5 91.2 39.5 1.3 2.50 130 10 190 1250 1.0 0.5 98.8 36.6 1.2 2.50 140 8.0 230 1500 1.0 0.5 106 34.0 1.2 2.50 150 8.0 330 1500 1.0 0.5 114 31.6 1.1 3.00 160 8.0 350 1650 1.0 0.5 122 29.4 1.1 3.00 170 8.0 380 1750 1.0 0.5 129 28.0 1.0 3.00 180 5.0 430 1750 1.0 0.5 137 26.4 1.0 4.00 190 5.0 450 1850 1.0 0.5 144 25.0 0.9 5.00 200 5.0 480 1850 1.0 0.5 152 23.6 0.9 5.00 Notes : (1) Suffix " B " indicates ± 5% tolerance, suffix " A " indicates ± 10% tolerance. (2) The surge current (IZSM) is specified as the maximum peak of a non- recurrent half-sin wave of 8.3 ms duration. (3) Voltage regulation (VZ) is the difference between the voltage measured at 10% and 50% of I www.sunmate.tw |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |