Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMBF5340B Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SMBF5340B
Description  SURFACE MOUNT SILICON ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMBF5340B Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SMBF5340B Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMBF5340B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMBF5388B
SMBF5387B
SMBF5386B
SMBF5385B
SMBF5384B
SMBF5383B
SMBF5382B
SMBF5381B
SMBF5380B
SMBF5379B
SMBF5378B
SMBF5377B
SMBF5376B
SMBF5375B
SMBF5374B
SMBF5373B
SMBF5372B
SMBF5371B
SMBF5370B
SMBF5369B
SMBF5368B
SMBF5367B
SMBF5366B
SMBF5365B
SMBF5364B
SMBF5363B
SMBF5362B
SMBF5361B
SMBF5360B
SMBF5359B
SMBF5358B
SMBF5357B
SMBF5356B
SMBF5355B
SMBF5354B
SMBF5353B
SMBF5352B
SMBF5351B
SMBF5350B
SMBF5349B
SMBF5348B
SMBF5347B
SMBF5346B
SMBF5345B
SMBF5344B
SMBF5343B
SMBF5342B
SMBF5341B
SMBF5340B
SMBF5339B
SMBF5338B
SMBF5337B
SMBF5336B
SMBF5335B
SMBF5334B
SMBF5333B
2 of 2
ELECTRICAL CHARACTERISTICS (Rating at 25 °C ambient temperature unless otherwise specified)
Regulator
Maximum Zener
Maximum Reverse
Maximum
Maximum
Maximum
TYPE
Voltage
Impedance
Leakage Current
Zener Current Surge Current
Voltage
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
IZSM
Regulator
(V)
(mA)
(Ω)(Ω)
(mA)
(μA)
(V)
(mA)
(A)
∆VZ
3.3
380
3.0
400
1.0
300
1.0
1440
20.0
0.85
3.6
350
2.5
500
1.0
150
1.0
1320
18.7
0.80
3.9
320
2.0
500
1.0
50
1.0
1220
17.6
0.54
4.3
290
2.0
500
1.0
10
1.0
1100
16.4
0.49
4.7
260
2.0
450
1.0
5.0
1.0
1010
15.3
0.44
5.1
240
1.5
400
1.0
1.0
1.0
930
14.4
0.39
5.6
220
1.0
400
1.0
1.0
2.0
856
13.4
0.25
6.0
200
1.0
300
1.0
1.0
3.0
790
12.7
0.19
6.2
200
1.0
200
1.0
1.0
3.0
765
12.4
0.10
6.8
175
1.0
200
1.0
10
5.2
700
11.5
0.15
7.5
175
1.5
200
1.0
10
5.7
630
10.7
0.15
8.2
150
1.5
200
1.0
10
6.2
580
10.0
0.20
8.7
150
2.0
200
1.0
10
6.6
545
9.5
0.20
9.1
150
2.0
150
1.0
7.5
6.9
520
9.2
0.22
10
125
2.0
125
1.0
5.0
7.6
475
8.6
0.22
11
125
2.5
125
1.0
5.0
8.4
430
8.0
0.25
12
100
2.5
125
1.0
2.0
9.1
395
7.5
0.25
13
100
2.5
100
1.0
1.0
9.9
365
7.0
0.25
14
100
2.5
75
1.0
1.0
10.6
340
6.7
0.25
15
75
2.5
75
1.0
1.0
11.5
315
6.3
0.25
16
75
2.5
75
1.0
1.0
12.2
295
6.0
0.30
17
70
2.5
75
1.0
0.5
12.9
280
5.8
0.35
18
65
2.5
75
1.0
0.5
13.7
265
5.5
0.40
19
65
3.0
75
1.0
0.5
14.4
250
5.3
0.40
20
65
3.0
75
1.0
0.5
15.2
237
5.1
0.40
22
50
3.5
75
1.0
0.5
16.7
216
4.7
0.45
24
50
3.5
100
1.0
0.5
18.2
198
4.4
0.55
25
50
4.0
110
1.0
0.5
19.0
190
4.3
0.55
27
50
5.0
120
1.0
0.5
20.6
176
4.1
0.60
28
50
6.0
130
1.0
0.5
21.2
170
3.9
0.60
30
40
8.0
140
1.0
0.5
22.8
158
3.7
0.60
33
40
10
150
1.0
0.5
25.1
144
3.5
0.60
36
30
11
160
1.0
0.5
27.4
132
3.3
0.65
39
30
14
170
1.0
0.5
29.7
122
3.1
0.65
43
30
20
190
1.0
0.5
32.7
110
2.8
0.70
47
25
25
210
1.0
0.5
35.8
100
2.7
0.80
51
25
27
230
1.0
0.5
38.8
93.0
2.5
0.90
56
20
35
280
1.0
0.5
42.6
86.0
2.3
1.00
60
20
40
350
1.0
0.5
45.5
79.0
2.2
1.20
62
20
42
400
1.0
0.5
47.1
76.0
2.1
1.35
68
20
44
500
1.0
0.5
51.7
70.0
2.0
1.50
75
20
45
620
1.0
0.5
56.0
63.0
1.9
1.60
82
15
65
720
1.0
0.5
62.2
58.0
1.8
1.80
87
15
75
760
1.0
0.5
66.0
54.5
1.7
2.00
91
15
75
760
1.0
0.5
69.2
52.5
1.6
2.20
100
12
90
800
1.0
0.5
76.0
47.5
1.5
2.30
110
12
125
1000
1.0
0.5
83.6
43.0
1.4
2.50
120
10
170
1150
1.0
0.5
91.2
39.5
1.3
2.50
130
10
190
1250
1.0
0.5
98.8
36.6
1.2
2.50
140
8.0
230
1500
1.0
0.5
106
34.0
1.2
2.50
150
8.0
330
1500
1.0
0.5
114
31.6
1.1
3.00
160
8.0
350
1650
1.0
0.5
122
29.4
1.1
3.00
170
8.0
380
1750
1.0
0.5
129
28.0
1.0
3.00
180
5.0
430
1750
1.0
0.5
137
26.4
1.0
4.00
190
5.0
450
1850
1.0
0.5
144
25.0
0.9
5.00
200
5.0
480
1850
1.0
0.5
152
23.6
0.9
5.00
Notes :
(1) Suffix " B " indicates ± 5% tolerance, suffix " A " indicates ± 10% tolerance.
(2) The surge current (IZSM) is specified as the maximum peak of a non- recurrent half-sin wave of 8.3 ms duration.
(3) Voltage regulation (VZ) is the difference between the voltage measured at 10% and 50% of I
www.sunmate.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com