| Electronic Components Datasheet Search |
|
M28W160CT90ZB1 Datasheet(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W160CT90ZB1 Datasheet(HTML) 5 Page - STMicroelectronics |
|
5 / 50 page ![]() 5/50 M28W160CT, M28W160CB SUMMARY DESCRIPTION The M28W160C is a 16 Mbit (1 Mbit x 16) non-vol- atile Flash memory that can be erased electrically at the block level and programmed in-system on a Word-by-Word basis. These operations can be performed using a single low voltage (2.7 to 3.6V) supply. VDDQ allows to drive the I/O pin down to 1.65V. An optional 12V VPP power supply is pro- vided to speed up customer programming. The device features an asymmetrical blocked ar- chitecture. The M28W160C has an array of 39 blocks: 8 Parameter Blocks of 4 KWord and 31 Main Blocks of 32 KWord. M28W160CT has the Parameter Blocks at the top of the memory ad- dress space while the M28W160CB locates the Parameter Blocks starting from the bottom. The memory maps are shown in Figure 5, Block Ad- dresses. The M28W160C features an instant, individual block locking scheme that allows any block to be locked or unlocked with no latency, enabling in- stant code and data protection. All blocks have three levels of protection. They can be locked and locked-down individually preventing any acciden- tal programming or erasure. There is an additional hardware protection against program and erase. When VPP ≤VPPLK all blocks are protected against program or erase. All blocks are locked at power- up. Each block can be erased separately. Erase can be suspended in order to perform either read or program in any other block and then resumed. Program can be suspended to read data in any other block and then resumed. Each block can be programmed and erased over 100,000 cycles. The device includes a 128 bit Protection Register and a Security Block to increase the protection of a system design. The Protection Register is divid- ed into two 64 bit segments, the first one contains a unique device number written by ST, while the second one is one-time-programmable by the us- er. The user programmable segment can be per- manently protected. The Security Block, parameter block 0, can be permanently protected by the user. Figure 6, shows the Security Block and Protection Register Memory Map. Program and Erase commands are written to the Command Interface of the memory. An on-chip Program/Erase Controller takes care of the tim- ings necessary for program and erase operations. The end of a program or erase operation can be detected and any error conditions identified. The command set required to control the memory is consistent with JEDEC standards. The memory is offered in TSOP48 (10 X 20mm) and TFBGA46 (6.39 x 6.37mm, 0.75mm pitch) packages and is supplied with all the bits erased (set to ’1’). In order to meet environmental requirements, ST offers the M28W160C in ECOPACK® packages. ECOPACK packages are Lead-free. The category of second Level Interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum rat- ings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK speci- fications are available at: www.st.com. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |