Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89LPC920FDH Datasheet(PDF) 19 Page - NXP Semiconductors

Part # P89LPC920FDH
Description  8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC920FDH Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button P89LPC920FDH Datasheet HTML 15Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 16Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 17Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 18Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 19Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 20Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 21Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 22Page - NXP Semiconductors P89LPC920FDH Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
Philips Semiconductors
P89LPC920/921/922
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 06 — 21 November 2003
19 of 45
9397 750 12285
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
8.12.2
Quasi-bidirectional output configuration
Quasi-bidirectional output type can be used as both an input and output without the
need to reconfigure the port. This is possible because when the port outputs a logic
HIGH, it is weakly driven, allowing an external device to pull the pin LOW. When the
pin is driven LOW, it is driven strongly and able to sink a fairly large current. These
features are somewhat similar to an open-drain output except that there are three
pull-up transistors in the quasi-bidirectional output that serve different purposes.
The P89LPC920/921/922 is a 3 V device, but the pins are 5 V-tolerant. In
quasi-bidirectional mode, if a user applies 5 V on the pin, there will be a current
flowing from the pin to VDD, causing extra power consumption. Therefore, applying
5 V in quasi-bidirectional mode is discouraged.
A quasi-bidirectional port pin has a Schmitt-triggered input that also has a glitch
suppression circuit.
8.12.3
Open-drain output configuration
The open-drain output configuration turns off all pull-ups and only drives the
pull-down transistor of the port driver when the port latch contains a logic ‘0’. To be
used as a logic output, a port configured in this manner must have an external
pull-up, typically a resistor tied to VDD.
An open-drain port pin has a Schmitt-triggered input that also has a glitch
suppression circuit.
8.12.4
Input-only configuration
The input-only port configuration has no output drivers. It is a Schmitt-triggered input
that also has a glitch suppression circuit.
8.12.5
Push-pull output configuration
The push-pull output configuration has the same pull-down structure as both the
open-drain and the quasi-bidirectional output modes, but provides a continuous
strong pull-up when the port latch contains a logic ‘1’. The push-pull mode may be
used when more source current is needed from a port output. A push-pull port pin
has a Schmitt-triggered input that also has a glitch suppression circuit.
8.12.6
Port 0 analog functions
The P89LPC920/921/922 incorporates two Analog Comparators. In order to give the
best analog function performance and to minimize power consumption, pins that are
being used for analog functions must have the digital outputs and digital inputs
disabled.
Digital outputs are disabled by putting the port output into the Input-Only (high
impedance) mode as described in Section 8.12.4.
Digital inputs on Port 0 may be disabled through the use of the PT0AD register,
bits 1:5. On any reset, PT0AD1:5 defaults to ‘0’s to enable digital functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com