Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS1041CPWRG4 Datasheet(PDF) 12 Page - Texas Instruments

Part # THS1041CPWRG4
Description  10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1041CPWRG4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS1041CPWRG4 Datasheet HTML 8Page - Texas Instruments THS1041CPWRG4 Datasheet HTML 9Page - Texas Instruments THS1041CPWRG4 Datasheet HTML 10Page - Texas Instruments THS1041CPWRG4 Datasheet HTML 11Page - Texas Instruments THS1041CPWRG4 Datasheet HTML 12Page - Texas Instruments THS1041CPWRG4 Datasheet HTML 13Page - Texas Instruments THS1041CPWRG4 Datasheet HTML 14Page - Texas Instruments THS1041CPWRG4 Datasheet HTML 15Page - Texas Instruments THS1041CPWRG4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
THS1041
SLAS289C − OCTOBER 2001 − REVISED OCTOBER 2004
12
www.ti.com
TYPICAL CHARACTERISTICS
Figure 14
57
59
61
63
65
67
69
71
73
75
3
3.1
SPURIOUS FREE DYNAMIC RANGE
vs
SUPPLY VOLTAGE
VDD − Supply Voltage − V
3.6
3.2
3.3
3.4
3.5
Diff Input = 2 V,
fi = 10 MHz, −0.5 dBFS
fS = 40 MSPS
Figure 15
TOTAL HARMONIC DISTORTION
vs
SUPPLY VOLTAGE
−57
−59
−61
−63
−65
−67
−69
−71
−73
−75
VDD − Supply Voltage − V
3
3.1
3.6
3.2
3.3
3.4
3.5
Diff Input = 2 V,
fi = 10 MHz, −0.5 dBFS
fS = 40 MSPS
Figure 16
57
59
61
63
65
67
69
71
73
75
SIGNAL-TO-NOISE RATIO
vs
SUPPLY VOLTAGE
VDD − Supply Voltage − V
3
3.1
3.6
3.2
3.3
3.4
3.5
Diff Input = 2 V,
fi = 10 MHz, −0.5 dBFS
fS = 40 MSPS
Figure 17
Diff Input = 2 V,
fi = 10 MHz, −0.5 dBFS
fS = 40 MSPS
57
59
61
63
65
67
69
71
73
75
3
3.5
3.6
SIGNAL-TO-NOISE PLUS DISTORTION
vs
SUPPLY VOLTAGE
VDD − Supply Voltage − V
3.1
3.2
3.3
3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com