Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS4304DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS4304DBVT
Description  Wideband Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4304DBVT Datasheet(HTML) 2 Page - Texas Instruments

  THS4304DBVT Datasheet HTML 1Page - Texas Instruments THS4304DBVT Datasheet HTML 2Page - Texas Instruments THS4304DBVT Datasheet HTML 3Page - Texas Instruments THS4304DBVT Datasheet HTML 4Page - Texas Instruments THS4304DBVT Datasheet HTML 5Page - Texas Instruments THS4304DBVT Datasheet HTML 6Page - Texas Instruments THS4304DBVT Datasheet HTML 7Page - Texas Instruments THS4304DBVT Datasheet HTML 8Page - Texas Instruments THS4304DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
www.ti.com
1
2
3
4
5
8
7
6
1
2
3
5
4
VOUT
VS−
IN+
VS+
IN−
IN+
IN−
NC
VS−
NC
VS+
VOUT
TOP VIEW
TOP VIEW
DBV
D and DGK
NOTE: NC indicates there is no internal connection to these pins.
VOUT
DISSIPATION RATINGS
THS4304
SLOS436A – MARCH 2004 – REVISED JULY 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PINOUT DRAWING
PACKAGING / ORDERING INFORMATION
TRANSPORT MEDIA,
PACKAGED DEVICES
PACKAGE TYPE
PACKAGE MARKINGS
QUANTITY
THS4304DBVT
Tape and Reel, 250
SOT-23-5
AKW
THS4304DBVR
Tape and Reel, 3000
THS4304D
Rails, 75
SOIC-8
—
THS4304DR
Tape and Reel, 2500
THS4304DGK
Rails, 100
MSOP-8
AKU
THS4304DGKR
Tape and Reel, 2500
POWER RATING(2)
θ
JC
θ
JA
PACKAGE
(
°C/W)
(
°C/W)(1)
TA≤ 25°C
TA = 85°C
DBV (5)
55
255.4
391 mW
156 mW
D (8)
38.3
97.5
1.02 W
410 mW
DGK (8)
71.5
180.8
553 mW
221 mW
(1)
This data was taken using the JEDEC standard High-K test PCB.
(2)
Power rating determined with a junction temperature of 125
°C. This is the point where distortion starts to substantially increase. Thermal
management of the final PCB should strive to keep the junction temperature at or below 125
°C for best performance and long-term
reliability.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com