Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PST3124 Datasheet(PDF) 8 Page - Mitsumi Electronics, Corp.

Part # PST3124
Description  CMOS System Reset
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST3124 Datasheet(HTML) 8 Page - Mitsumi Electronics, Corp.

  PST3124 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST3124 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST3124 Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST3124 Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST3124 Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST3124 Datasheet HTML 6Page - Mitsumi Electronics, Corp. PST3124 Datasheet HTML 7Page - Mitsumi Electronics, Corp. PST3124 Datasheet HTML 8Page - Mitsumi Electronics, Corp. PST3124 Datasheet HTML 9Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MITSUMI
CMOS System Reset PST3XXX
Characteristics (For products with PST3128 detection voltage 2.8V typ.)
Consumption current (VDD = 3.8V) temperature
0
-40
100
80
40
60
20
0
-20
Temperature (
°C)
0.5
0.4
0.45
0.35
0.3
0.25
0.2
0.15
0.1
0.05
Detection voltage temperature
2.5
-40
100
80
40
60
20
0
-20
Temperature (
°C)
2.9
2.95
2.85
2.8
2.75
2.7
2.65
2.6
2.55
3
Release voltage temperature
2.5
-40
100
80
40
60
20
0
-20
Temperature (
°C)
2.8
2.9
2.7
2.6
3
Hysteresis voltage temperature
0
-40
100
80
40
60
20
0
-20
Temperature (
°C)
100
150
50
200
N-ch output current temperature (VDS = 0.5V)
0
-40
100
80
40
60
20
0
-20
Temperature (
°C)
1.5
2.5
2
1
0.5
3
P-ch output current temperature (VDS = 0.5V)
0
-40
100
80
40
60
20
0
-20
Temperature (
°C)
1.5
2.5
2
1
0.5
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com