Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS6052/3 Datasheet(PDF) 4 Page - Texas Instruments

Part # THS6052/3
Description  350mA,12V ADSL CPE LINE DRIVERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6052/3 Datasheet(HTML) 4 Page - Texas Instruments

  THS6052/3 Datasheet HTML 1Page - Texas Instruments THS6052/3 Datasheet HTML 2Page - Texas Instruments THS6052/3 Datasheet HTML 3Page - Texas Instruments THS6052/3 Datasheet HTML 4Page - Texas Instruments THS6052/3 Datasheet HTML 5Page - Texas Instruments THS6052/3 Datasheet HTML 6Page - Texas Instruments THS6052/3 Datasheet HTML 7Page - Texas Instruments THS6052/3 Datasheet HTML 8Page - Texas Instruments THS6052/3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
THS6042, THS6043
350 mA, ±12 V ADSL CPE LINE DRIVERS
SLOS264G − MARCH 2000 − REVISED DECEMBER 2001
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, TA = 25°C,
VCC = ±12 V, R(FEEDBACK) = 750 Ω, RL = 100 Ω (unless otherwise noted) (continued)
dc performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input offset voltage
TA = 25°C
9.5
16
Input offset voltage
TA = full range
21
mV
VOS
Differential offset voltage
VCC = ± 6 V, ± 12 V TA = 25°C
1
5
mV
VOS
Differential offset voltage
VCC = ± 6 V, ± 12 V
TA = full range
7
Offset drift
TA = full range
20
µV/°C
− Input bias current
TA = 25°C
3.5
10
− Input bias current
TA = full range
12
IIB
+ Input bias current
VCC = ±6 V, ±12 V
TA = 25°C
1
5
A
IIB
+ Input bias current
VCC = ±6 V, ±12 V
TA = full range
6
µA
Differential input bias current
TA = 25°C
3.5
10
Differential input bias current
TA = full range
12
ZOL
Open-loop transimpedance
RL = 1 kΩ
VCC = ±6 V, ±12 V
1
M
Ω
input characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = ±12 V
TA = 25°C
±9.6 ±10.1
VICR
Input common-mode voltage range
VCC = ±12 V
TA = full range
±9.5
V
VICR
Input common-mode voltage range
VCC = ±6V
TA = 25°C
±3.7
±4.2
V
VCC = ±6V
TA = full range
±3.6
CMRR
Common-mode rejection ratio
VCC = ±6 V, ±12 V
TA = 25°C
59
68
V
CMRR
Common-mode rejection ratio
VCC = ±6 V, ±12 V
TA = full range
55
V
RI
Input resistance
+ Input
1.5
M
Ω
RI
Input resistance
− Input
15
Ω
Ci
Input capacitance
2
pF
output characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 25 Ω
VCC = ±12 V
±7.5
±9.1
VO
Output voltage swing
Single ended
RL = 25 Ω
VCC = ±6 V
±4.1
±4.6
V
VO
Output voltage swing
Single ended
100-mV overdrive
RL = 100 Ω
VCC = ±12 V
±10.3 ±10.8
V
100-mV overdrive
RL = 100 Ω
VCC = ±6 V
±4.5
±4.9
IO
Output current
RL = 25 Ω,
VCC = ± 12 V
300
350
mA
IO
Output current
RL = 10 Ω,
VCC = ±6 V
230
260
mA
IOS
Short-circuit current
RL = 0 Ω,
VCC = ±12 V
400
mA
ro
Output resistance
Open loop
15
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46