Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR1011-I/ML Datasheet(PDF) 58 Page - Microchip Technology

Part # AR1011-I/ML
Description  AR1000 Series Resistive Touch Screen Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1011-I/ML Datasheet(HTML) 58 Page - Microchip Technology

Back Button AR1011-I/ML Datasheet HTML 53Page - Microchip Technology AR1011-I/ML Datasheet HTML 54Page - Microchip Technology AR1011-I/ML Datasheet HTML 55Page - Microchip Technology AR1011-I/ML Datasheet HTML 56Page - Microchip Technology AR1011-I/ML Datasheet HTML 57Page - Microchip Technology AR1011-I/ML Datasheet HTML 58Page - Microchip Technology AR1011-I/ML Datasheet HTML 59Page - Microchip Technology AR1011-I/ML Datasheet HTML 60Page - Microchip Technology AR1011-I/ML Datasheet HTML 61Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 58 / 61 page
background image
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
DS40001393C-page 58
 2009-2016 Microchip Technology Inc.
APPENDIX B:
DEVICE
DIFFERENCES
Modifying, removing or adding components may
adversely affect touch performance.
Specific manufacturers and part numbers are provided
only as a guide. Equivalents can be used.
TABLE B-1:
BILL OF MATERIALS
Label
Quantity
Value
Description
Manufacturer
Part Number
C1
1
10 uF
Capacitor – Ceramic, 10 uF, 20%, 6.3V,
X7R, 0603
AVX
06036D106MAT2A
C2
1
0.1 uF Capacitor – Ceramic, 0.1 uF, 10%, 16V,
X7R, 0603
AVX
0603YC104KAT2A
C3, C4, C5(1)
2-3
0.01 uF Capacitor – Ceramic, 0.01 uF, 10%,
50V, X7R, 0603
AVX
06035C103KAT2A
D1-D8(2)
4-8
130W
Diode – Bidirectional, 130W, ESD
Protection, SOD323
NXP
PESD5V0S1BA
R1
1
20 K
 Resistor – 20 K, 1/10W, 5%, 0603
Yageo America RC0603JR-0720KL
U1
1
N/A
Touch controller IC
Microchip
AR1011 or AR1021
Note 1:
C5 is only needed for 5-wire applications.
2:
D1-D8 are for ESD protection.
- 4-wire touch screen, use D1-D4
- 5-wire touch screen, use D1-D5
- 8-wire touch screen, use D1-D8
See Section 3.8 “ESD Considerations” and Section 3.9 “Noise Considerations” for important information
regarding the capacitance of the controller schematic hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com