Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR1011-I/SS Datasheet(PDF) 26 Page - Microchip Technology

Part # AR1011-I/SS
Description  AR1000 Series Resistive Touch Screen Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1011-I/SS Datasheet(HTML) 26 Page - Microchip Technology

Back Button AR1011-I/SS Datasheet HTML 22Page - Microchip Technology AR1011-I/SS Datasheet HTML 23Page - Microchip Technology AR1011-I/SS Datasheet HTML 24Page - Microchip Technology AR1011-I/SS Datasheet HTML 25Page - Microchip Technology AR1011-I/SS Datasheet HTML 26Page - Microchip Technology AR1011-I/SS Datasheet HTML 27Page - Microchip Technology AR1011-I/SS Datasheet HTML 28Page - Microchip Technology AR1011-I/SS Datasheet HTML 29Page - Microchip Technology AR1011-I/SS Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
DS40001393C-page 26
 2009-2016 Microchip Technology Inc.
8.2.8
SleepDelay Register (OFFSET 0x0A)
The SleepDelay register sets the time duration with no
touch or command activity that will cause the controller
to enter a low-power Sleep mode. Valid values are as
follows:
0 ≤ SleepDelay ≤ 255
Sleep Delay Time = SleepDelay * 100 ms; when Sleep-
Delay > 0
A value of zero disables the Sleep mode, such that the
controller will never enter low-power Sleep mode.
A touch event will wake the controller from low-power
Sleep mode and start sending touch reports. Commu-
nications sent to the controller will wake it from the low-
power Sleep mode and initiate action to the command.
8.2.9
PenUpDelay Register (OFFSET
0x0B)
The PenUpDelay register sets the duration of a pen-up
event that the controller will allow, without sending a
pen-up report for the event. The delay time is started
upon detecting a pen-up condition.
If a pen down is reestablished before the delay time
expires, then pen-down reports will continue without a
pen up being sent. This effectively debounces a touch
event in process.
A lower value will make the controller more responsive
to pen ups, but will cause more touch drop outs with a
lighter touch. A higher value will make the controller
less responsive to pen ups, but will reduce the number
of touch drop outs with a lighter touch. Valid values are
as follows:
0 ≤ PenUpDelay ≤ 255
Pen-up Delay Time ≈ PenUpDelay * 240 μs
8.2.10
TouchMode Register (OFFSET 0x0C)
The TouchMode register configures the action taken for
various touch states.
There are three states of touch for the controller’s touch
reporting action which can be independently controlled.
Touch States:
1.
Pen Down (initial touch)
User defined 0-3 touch reports, with selectable pen
states.
2.
Pen Movement (touch movement after initial
touch)
User defined no-touch reports or streaming touch
reports, with selectable pen states.
3.
Pen Up (touch release)
User defined 0-3 touch reports, with selectable pen
states.
Every touch report includes a “P” (Pen) bit that
indicates the pen state.
• Pen Down: P = 1
•Pen Up:
P = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com