Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR1011T-I/SS Datasheet(PDF) 30 Page - Microchip Technology

Part # AR1011T-I/SS
Description  AR1000 Series Resistive Touch Screen Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1011T-I/SS Datasheet(HTML) 30 Page - Microchip Technology

Back Button AR1011T-I/SS Datasheet HTML 26Page - Microchip Technology AR1011T-I/SS Datasheet HTML 27Page - Microchip Technology AR1011T-I/SS Datasheet HTML 28Page - Microchip Technology AR1011T-I/SS Datasheet HTML 29Page - Microchip Technology AR1011T-I/SS Datasheet HTML 30Page - Microchip Technology AR1011T-I/SS Datasheet HTML 31Page - Microchip Technology AR1011T-I/SS Datasheet HTML 32Page - Microchip Technology AR1011T-I/SS Datasheet HTML 33Page - Microchip Technology AR1011T-I/SS Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
DS40001393C-page 30
 2009-2016 Microchip Technology Inc.
9.0
COMMANDS
9.1
Sending Commands
9.1.1
COMMAND SEND FORMAT
The
controller
supports
application-specific
configuration commands as shown in Table 9-1, below.
To ensure command communication is not interrupted
by touch activity, it is recommended that the controller
touch is disabled, prior to other commands. This can be
done as follows:
1.
Send DISABLE_TOUCH command
2.
Wait 50 ms
3.
Send desired commands
4.
Send ENABLE_TOUCH command
9.1.2
COMMAND RESPONSE
A received command will be responded to as seen in
Table 9-2 below.
The “Status” value within the response packet should
be one of the following (See Table 9-3):
TABLE 9-1:
COMMAND SEND FORMAT
Byte #
Name
Value
Description
1
Header
0x55
Header (mark beginning of command packet)
2
Size
0x<>
Size, # of bytes following this byte
3
Command
0x<>
Command ID
4
Data
0x<>
Data, if applicable for the command
:
Data
0x<>
Data, if applicable for the command
TABLE 9-2:
COMMAND RESPONSE FORMAT
Byte #
Name
Value
Description
1
Header
0x55
Header (mark beginning of command packet)
2
Size
0x<>
Size, # of bytes following this byte
3
Status
0x<>
Status
4
Command
0x<>
Command ID
5
Data
0x<>
Data, if applicable for the command
:
Data
0x<>
Data, if applicable for the command
TABLE 9-3:
COMMAND RESPONSE
STATUS VALUES
Status Value
Description
0x00
Success
0x01
Command Unrecognized
0x03
Header Unrecognized
0x04
Command Time Out (exceeded ~100
ms)
0xFC
Cancel Calibration mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com