Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TL5001AMFKB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TL5001AMFKB
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL5001AMFKB Datasheet(HTML) 14 Page - Texas Instruments

Back Button TL5001AMFKB Datasheet HTML 10Page - Texas Instruments TL5001AMFKB Datasheet HTML 11Page - Texas Instruments TL5001AMFKB Datasheet HTML 12Page - Texas Instruments TL5001AMFKB Datasheet HTML 13Page - Texas Instruments TL5001AMFKB Datasheet HTML 14Page - Texas Instruments TL5001AMFKB Datasheet HTML 15Page - Texas Instruments TL5001AMFKB Datasheet HTML 16Page - Texas Instruments TL5001AMFKB Datasheet HTML 17Page - Texas Instruments TL5001AMFKB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
TL5001, TL5001A
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS084F – APRIL 1994 – REVISED JANUARY 2002
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
1
0.5
0
2
1.5
0
1020
3040
VCC – Power-Supply Voltage – V
Rt = 100 kΩ
TA = 25 °C
AVERAGE SUPPLY CURRENT
vs
POWER-SUPPLY VOLTAGE
Figure 10
1
0.9
0.8
0
– 50
– 25
0
1.1
1.2
1.3
25
50
75
100
TA – Ambient Temperature – °C
VCC = 6 V
Rt = 100 kΩ
DT Resistance = 100 k
Ω
AVERAGE SUPPLY CURRENT
vs
AMBIENT TEMPERATURE
Figure 11
1.5
1.2
0.6
0.3
0
1.8
0.9
10 k
100 k
1 M
10 M
fosc – Oscillator Frequency – Hz
Voscmin (zero duty cycle)
VCC = 6 V
TA = 25 °C
PWM TRIANGLE WAVE AMPLITUDE VOLTAGE
vs
OSCILLATOR FREQUENCY
Voscmax (100% duty cycle)
Figure 12
ERROR AMPLIFIER OUTPUT VOLTAGE
vs
OUTPUT (SINK) CURRENT
IO – Output (Sink) Current – mA
1.5
1
0.5
0
0
0.2
0.4
2
2.5
3
0.6
VCC = 6 V
VI(FB) = 1.2 V
TA = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com