Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8761 Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8761
Description  24BIT 192KHZ STEREO DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8761 Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8761 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8761 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8761 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8761 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8761 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8761 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8761 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8761 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8761 Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
WM8761
Production Data
w
PD Rev 4.0 May 2004
14
A diagram showing how the various Mute modes interact is shown below in Figure 8.
AUTOMUTED
(Internal Signal)
10k
Ω
Ω
Ω
Ω
SOFTMUTE
(Internal Signal)
MUTE
PIN
Figure 8 Selection Logic for MUTE Modes
INPUT AUDIO FORMAT SELECTION
FORMAT (pin 13) controls the data input format.
FORMAT
INPUT DATA MODE
0
24 bit right justified
1
16–24 bit I
2S
Table 3 Input Audio Format Selection
Notes:
1.
In 16-24 bit I
2S mode, any data from 16-24 bits or more is supported provided that LRCIN is
high for a minimum of data width BCKINs and low for a minimum of data width BCKINs,
unless Note 2. For data widths greater than 24 bits, the LSB’s will be truncated and the
most significant 24 bits will be used by the internal processing.
2.
If exactly 16 BCKIN cycles occur in both the low and high period of LRCIN the WM8761 will
assume the data is 16-bit and accept the data accordingly.
INPUT DSP FORMAT SELECTION
FORMAT
50% LRCIN DUTY CYCLE
LRCIN of 4 BCKIN or Less Duration
0
24-bit
(MSB-first, right justified)
DSP format – ‘late’ mode
1
Up to 24-bit I
2S format
(Philips serial data protocol)
DSP format – ‘early’ mode
Table 4 DSP Interface Formats
DE-EMPHASIS CONTROL
DEM (pin 12) is an input control for selection of de-emphasis filtering to be applied.
DEEMPH
DE-EMPHASIS
0
Off
1
On
Table 5 De-emphasis Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com