Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2954AIT/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2954AIT/NOPB
Description  5-V and Adjustable Micropower LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2954AIT/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP2954AIT/NOPB Datasheet HTML 1Page - Texas Instruments LP2954AIT/NOPB Datasheet HTML 2Page - Texas Instruments LP2954AIT/NOPB Datasheet HTML 3Page - Texas Instruments LP2954AIT/NOPB Datasheet HTML 4Page - Texas Instruments LP2954AIT/NOPB Datasheet HTML 5Page - Texas Instruments LP2954AIT/NOPB Datasheet HTML 6Page - Texas Instruments LP2954AIT/NOPB Datasheet HTML 7Page - Texas Instruments LP2954AIT/NOPB Datasheet HTML 8Page - Texas Instruments LP2954AIT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
IN
OUT
GND
VIN
VOUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP2954, LP2954A
SNVS096E – JUNE 1999 – REVISED JULY 2016
LP2954, LP2954A 5-V and Adjustable Micropower LDOs
1
1 Features
1
•
5-V Output within 1.2% Over Temperature
(A Grade)
•
Adjustable 1.23-V to 29-V Output Voltage
Available (LP2954IM and LP2954AIM)
•
Ensured 250-mA Output Current
•
Extremely Low Quiescent Current
•
Low Dropout Voltage
•
Reverse Battery Protection
•
Extremely Tight Line and Load Regulation
•
Very Low Temperature Coefficient
•
Current and Thermal Limiting
•
Pin Compatible with LM2940 and LM340
(5-V Version Only)
•
Adjustable Version Adds ERROR Flag to Warn of
Output Drop and a Logic-Controlled Shutdown
2 Applications
•
High-Efficiency Linear Regulator
•
Low Dropout Battery-Powered Regulator
3 Description
The LP2954 is a 5-V micropower LDO with very low
quiescent current (90 μA typical at 1-mA load) and
very low dropout voltage (typically 60 mV at light
loads and 470 mV at 250-mA load current).
The quiescent current increases only slightly at
dropout (120 μA typical), which prolongs battery life.
The LP2954 with a fixed 5-V output is available in
three-pin TO-220 and DDPAK/TO-263 packages. The
adjustable LP2954 is provided in an 8-pin, small-
outline SOIC package. The adjustable version also
provides a resistor network which can be pin
strapped to set the output to any voltage from to
1.23 V to 29 V.
Reverse battery protection is provided for the IN pin.
The tight line and load regulation (0.04% typical), as
well as very low output temperature coefficient make
the LP2954 well suited for use as a low-power
voltage reference.
Output accuracy is ensured at both room temperature
and over the entire operating temperature range.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP2954
SOIC (8)
4.90 mm × 3.91 mm
DDPAK/TO-263 (3)
10.18 mm × 8.41 mm
TO-220 (3)
14.986 mm × 10.16 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - LP2954AIT/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2954AIT NSC-LP2954AIT Datasheet
336Kb / 13P
5V and Adjustable Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
LP2954AIT TI-LP2954AIT Datasheet
1Mb / 24P
LP2954/LP2954A 5V and Adjustable Micropower Low-Dropout Voltage Regulators
More results

Similar Description - LP2954AIT/NOPB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM663A AD-ADM663A Datasheet
331Kb / 9P
Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators
REV.0
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1109 AD-ADP1109 Datasheet
131Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV.0
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
ADM663A AD-ADM663A_15 Datasheet
279Kb / 9P
Tri-Mode 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1109 AD-ADP1109_15 Datasheet
140Kb / 8P
Micropower Low Cost Fixed 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1110 AD-ADP1110_15 Datasheet
426Kb / 16P
Micropower, Step-Up/Step-Down Switching Regulator Adjustable and Fixed 5 V, 12 V
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com