Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2996MRX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP2996MRX/NOPB
Description  DDR Termination Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2996MRX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP2996MRX/NOPB Datasheet HTML 9Page - Texas Instruments LP2996MRX/NOPB Datasheet HTML 10Page - Texas Instruments LP2996MRX/NOPB Datasheet HTML 11Page - Texas Instruments LP2996MRX/NOPB Datasheet HTML 12Page - Texas Instruments LP2996MRX/NOPB Datasheet HTML 13Page - Texas Instruments LP2996MRX/NOPB Datasheet HTML 14Page - Texas Instruments LP2996MRX/NOPB Datasheet HTML 15Page - Texas Instruments LP2996MRX/NOPB Datasheet HTML 16Page - Texas Instruments LP2996MRX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
VTT
LP2996
PVIN
VDDQ
VREF
AVIN
VREF= 0.9V
VSENSE
GND
+
+
+
VDDQ = 1.8V
AVIN = 3.3V or 5.5V
VTT = 0.9V
SD
SD
PVIN = 3.3V
CIN
COUT
CREF
VTT
LP2996
PVIN
VDDQ
VREF
AVIN
VREF = 0.9V
VSENSE
GND
+
+
+
VDDQ = 1.8V
AVIN = 2.2V to 5.5V
VTT = 0.9V
SD
SD
PVIN = 1.8V
CIN
COUT
CREF
LP2996-N
www.ti.com
SNOSA40J – NOVEMBER 2002 – REVISED MARCH 2013
DDR-II APPLICATIONS
With the separate VDDQ pin and an internal resistor divider it is possible to use the LP2996-N in applications
utilizing DDR-II memory. Figure 25 and Figure 26 show several implementations of recommended circuits with
output curves displayed in the Typical Performance Characteristics. Figure 25 shows the recommended circuit
configuration for DDR-II applications. The output stage is connected to the 1.8V rail and the AVIN pin can be
connected to either a 3.3V or 5V rail. For new designs, the LP2997 or LP2998 is recommended for DDR-II
applications.
Figure 27. Recommended DDR-II Termination
If it is not desirable to use the 1.8V rail it is possible to connect the output stage to a 3.3V rail. Care should be
taken to not exceed the maximum junction temperature as the thermal dissipation increases with lower VTT
output voltages. For this reason it is not recommended to power PVIN off a rail higher than the nominal 3.3V.
The advantage of this configuration is that it has the ability to source and sink a higher maximum continuous
current.
Figure 28. DDR-II Termination with higher voltage rails
LEVEL SHIFTING
If standards other than SSTL-2 are required, such as SSTL-3, it may be necessary to use a different scaling
factor than 0.5 times VDDQ for regulating the output voltage. Several options are available to scale the output to
any voltage required. One method is to level shift the output by using feedback resistors from VTT to the VSENSE
pin. This has been illustrated in Figure 29 and Figure 30. Figure 29 shows how to use two resistors to level shift
VTT above the internal reference voltage of VDDQ/2. To calculate the exact voltage at VTT the following equation
can be used.
VTT = VDDQ/2 ( 1 + R1/R2)
(11)
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP2996-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com