Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2996MX/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP2996MX/NOPB
Description  DDR Termination Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2996MX/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP2996MX/NOPB Datasheet HTML 8Page - Texas Instruments LP2996MX/NOPB Datasheet HTML 9Page - Texas Instruments LP2996MX/NOPB Datasheet HTML 10Page - Texas Instruments LP2996MX/NOPB Datasheet HTML 11Page - Texas Instruments LP2996MX/NOPB Datasheet HTML 12Page - Texas Instruments LP2996MX/NOPB Datasheet HTML 13Page - Texas Instruments LP2996MX/NOPB Datasheet HTML 14Page - Texas Instruments LP2996MX/NOPB Datasheet HTML 15Page - Texas Instruments LP2996MX/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
VTT
LP2996
PVIN
VDDQ
VREF
AVIN
VREF = 1.25V
VSENSE
GND
+
+
+
VDDQ = 2.5V
AVIN = 3.3V or 5V
VTT = 1.25V
SD
SD
PVIN = 3.3V
CIN
COUT
CREF
VTT
LP2996
PVIN
VDDQ
VREF
AVIN
VREF = 1.25V
VSENSE
GND
+
+
+
VDDQ = 2.5V
AVIN = 2.2V to 5.5V
VTT = 1.25V
SD
SD
PVIN = 1.8V
CIN
COUT
CREF
VTT
LP2996
PVIN
VDDQ
VREF
AVIN
VREF = 1.25V
VSENSE
GND
+
+
+
VDDQ = 2.5V
VDD = 2.5V
VTT = 1.25V
SD
SD
CIN
COUT
CREF
LP2996-N
SNOSA40J – NOVEMBER 2002 – REVISED MARCH 2013
www.ti.com
Figure 24. Recommended SSTL-2 Implementation
If power dissipation or efficiency is a major concern then the LP2996-N has the ability to operate on split power
rails. The output stage (PVIN) can be operated on a lower rail such as 1.8V and the analog circuitry (AVIN) can
be connected to a higher rail such as 2.5V, 3.3V or 5V. This allows the internal power dissipation to be lowered
when sourcing current from VTT. The disadvantage of this circuit is that the maximum continuous current is
reduced because of the lower rail voltage, although it is adequate for all motherboard SSTL-2 applications.
Increasing the output capacitance can also help if periods of large load transients will be encountered.
Figure 25. Lower Power Dissipation SSTL-2 Implementation
The third option for SSTL-2 applications in the situation that a 1.8V rail is not available and it is not desirable to
use 2.5V, is to connect the LP2996-N power rail to 3.3V. In this situation AVIN will be limited to operation on the
3.3V or 5V rail as PVIN can never exceed AVIN. This configuration has the ability to provide the maximum
continuous output current at the downside of higher thermal dissipation. Care should be taken to prevent the
LP2996-N from experiencing large current levels which cause the junction temperature to exceed the maximum.
Because of this risk it is not recommended to supply the output stage with a voltage higher than a nominal 3.3V
rail.
Figure 26. SSTL-2 Implementation with higher voltage rails
12
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LP2996-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com