Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2980IM5-3.0/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP2980IM5-3.0/NOPB
Description  Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2980IM5-3.0/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP2980IM5-3.0/NOPB Datasheet HTML 1Page - Texas Instruments LP2980IM5-3.0/NOPB Datasheet HTML 2Page - Texas Instruments LP2980IM5-3.0/NOPB Datasheet HTML 3Page - Texas Instruments LP2980IM5-3.0/NOPB Datasheet HTML 4Page - Texas Instruments LP2980IM5-3.0/NOPB Datasheet HTML 5Page - Texas Instruments LP2980IM5-3.0/NOPB Datasheet HTML 6Page - Texas Instruments LP2980IM5-3.0/NOPB Datasheet HTML 7Page - Texas Instruments LP2980IM5-3.0/NOPB Datasheet HTML 8Page - Texas Instruments LP2980IM5-3.0/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LP2980-N
www.ti.com
SNOS733O – APRIL 2000 – REVISED JUNE 2015
Electrical Characteristics (continued)
Unless otherwise specified: TJ = 25°C, VIN = VO(NOM) + 1 V, IL = 1 mA, COUT = 1 μF, VON/OFF = 2 V.
(1)
LP2980AI-XX(2)
LP2980I-XX(2)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
IL = 0
65
95
65
95
IL = 0, –40°C ≤ TJ ≤ 125°C
65
125
65
125
IL = 1 mA
80
110
80
110
IL = 1 mA, –40°C ≤ TJ ≤ 125°C
80
170
80
170
IL = 10 mA
140
220
140
220
IGND
Ground pin current
μA
IL = 10 mA, –40°C ≤ TJ ≤ 125°C
140
460
140
460
IL = 50 mA
375
600
375
600
IL = 50 mA, –40°C ≤ TJ ≤ 125°C
375
1200
375
1200
VON/OFF < 0.18 V
0
1
0
1
–40°C
≤ TJ ≤ 125°C
High = O/P ON
1.6
1.4
1.6
1.4
–40°C
≤ TJ ≤ 125°C
ON/OFF input
VON/OFF
V
voltage(4)
Low = O/P OFF
0.55
0.18
0.55
0.18
–40°C
≤ TJ ≤ 125°C
VON/OFF = 0
0
−1
0
−1
ION/OFF
ON/OFF input current
μA
VON/OFF = 5 V
5
15
5
15
–40°C
≤ TJ ≤ 125°C
IO(PK)
Peak output current
VOUT ≥ VO(NOM) − 5%
100
150
100
150
mA
Output noise voltage
BW = 300 Hz to 50 kHz
en
160
160
μV
(RMS)
COUT = 10 μF
f = 1 kHz
Ripple rejection
63
63
dB
COUT = 10 μF
IO(MAX)
Short-circuit current
RL = 0 (steady state)
(5)
150
150
mA
(4)
The ON/OFF inputs must be properly driven to prevent misoperation. For details, see ON/OFF Input Operation.
(5)
See related curve(s) in Typical Characteristics section.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP2980-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com