Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSC1121DI5 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # DSC1121DI5
Description  Low-Jitter Precision CMOS Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1121DI5 Datasheet(HTML) 2 Page - Micrel Semiconductor

  DSC1121DI5 Datasheet HTML 1Page - Micrel Semiconductor DSC1121DI5 Datasheet HTML 2Page - Micrel Semiconductor DSC1121DI5 Datasheet HTML 3Page - Micrel Semiconductor DSC1121DI5 Datasheet HTML 4Page - Micrel Semiconductor DSC1121DI5 Datasheet HTML 5Page - Micrel Semiconductor DSC1121DI5 Datasheet HTML 6Page - Micrel Semiconductor DSC1121DI5 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
______________________________________________________________________________________________________________________________________________
DSC1101 | DSC1121
Page 2
MK-Q-B-P-D-110410-01-6
DSC1101
Low-Jitter Precision CMOS Oscillator
DSC1121
Absolute Maximum Ratings
Item
Min
Max
Unit
Condition
Supply Voltage
-0.3
+4.0
V
Input Voltage
-0.3
VDD+0.3
V
Junction Temp
-
+150
°C
Storage Temp
-55
+150
°C
Soldering Temp
-
+260
°C
40sec max.
ESD
HBM
MM
CDM
-
4000
400
1500
V
Ordering Code
Note: 1000+ years of data retention on internal memory
Specifications
1.
Pin 6 VDD should be filtered with 0.1uf capacitor.
2.
tsu is time to 100PPM of output frequency after VDD is applied and outputs are enabled.
3.
Output Waveform and Test Circuit figures below define the parameters.
4.
Output is enabled if pad is floated or not connected.
Parameter
Condition
Min.
Typ.
Max.
Unit
Supply Voltage1
VDD
2.25
3.6
V
Supply Current
IDD
EN pin low – output is disabled
DSC1101
DSC1121
20
0.095
22
mA
Frequency Stability
Ext Comm. & Ind. only
All temp ranges
All temp ranges
Δf
Includes frequency variations due
to initial tolerance, temp. and
power supply voltage
±10
±25
±50
ppm
Aging
Δf
1 year @25°C
±5
ppm
Startup Time2
tSU
T=25°C
5
ms
Input Logic Levels
Input logic high
Input logic low
VIH
VIL
0.75xVDD
-
-
0.25xVDD
V
Output Disable Time3
tDA
5
ns
Output Enable Time
tEN
DSC1101
DSC1121
5
20
ms
ns
Enable Pull-Up Resistor4
Pull-up resistor exist
40
kΩ
CMOS Output
Supply Current4
IDD
output is enabled
CL=15pF, F0=125 MHz
31
35
mA
Output Logic Levels
Output logic high
Output logic low
VOH
VOL
I=±6mA
0.9xVDD
-
-
0.1xVDD
V
Output Transition time3
Rise Time
Fall Time
tR
tF
20% to 80%
CL=15pF
1.1
1.3
2
2
ns
Frequency
f0
All temp range except Auto
Auto temp range
2.3
170
100
MHz
Output Duty Cycle
SYM
45
55
%
Period Jitter
JPER
Fout=125MHz
3
psRMS
Integrated Phase Noise
JPH
200kHz to 20MHz @ 125MHz
100kHz to 20MHz @ 125MHz
12kHz to 20MHz @ 125MHz
0.3
0.38
1.7
2
psRMS
DSC11
125.0000
Freq (MHz)
125.0000
0
Enable Modes
0: Enable/Standby
2: Enable/Disable
-
Packing
T: Tape & Reel
: Tube
1 C I 5
Package
A: 7.0x5.0mm
B: 5.0x3.2mm
C: 3.2x2.5mm
D: 2.5x2.0mm
N: 7.0x5.0mm (no center pad)
Temp Range
E: -20 to 70
I: -40 to 85
L: -40 to 105
M: -55 to 125
Stability
1: ±50ppm
2: ±25ppm
5: ±10ppm
T



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com