Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3907QTLX-VXSS/NOPB Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907QTLX-VXSS/NOPB
Description  Dual High-Current Step-Down DC-DC And Dual Linear Regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907QTLX-VXSS/NOPB Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP3907QTLX-VXSS/NOPB Datasheet HTML 35Page - Texas Instruments LP3907QTLX-VXSS/NOPB Datasheet HTML 36Page - Texas Instruments LP3907QTLX-VXSS/NOPB Datasheet HTML 37Page - Texas Instruments LP3907QTLX-VXSS/NOPB Datasheet HTML 38Page - Texas Instruments LP3907QTLX-VXSS/NOPB Datasheet HTML 39Page - Texas Instruments LP3907QTLX-VXSS/NOPB Datasheet HTML 40Page - Texas Instruments LP3907QTLX-VXSS/NOPB Datasheet HTML 41Page - Texas Instruments LP3907QTLX-VXSS/NOPB Datasheet HTML 42Page - Texas Instruments LP3907QTLX-VXSS/NOPB Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
L t
VIN - VOUT
IPP
x
x
VOUT
VIN ¹
·
©
§
f
1
©
§
¹
·
©
§
¹
·
where
Iripple =
VIN - VOUT
2L
x
x
VOUT
VIN ¹
·
©
§
f
1
©
§
¹
·
©
§
¹
·
Isat > Ioutmax + Iripple
LP3907-Q1
www.ti.com
SNVSA55A – DECEMBER 2014 – REVISED MAY 2015
Typical Application (continued)
9.2.2 Detailed Design Procedure
9.2.2.1 Component Selection
9.2.2.1.1
Inductors for SW1 And SW2
There are two main considerations when choosing an inductor; the inductor should not saturate and the inductor
current ripple is small enough to achieve the desired output voltage ripple. Care should be taken when reviewing
the different saturation current ratings that are specified by different manufacturers. Saturation current ratings are
typically specified at 25ºC, so ratings at maximum ambient temperature of the application should be requested
from the manufacturer.
There are two methods to choose the inductor saturation current rating:
9.2.2.1.1.1
Method 1:
The saturation current is greater than the sum of the maximum load current and the worst case average-to-peak
inductor current. This can be written as follows:
where
•
IRIPPLE = Maximum load current
•
IOUTMAX = Average to peak inductor current
•
VIN = Maximum input voltage to the buck
•
L = Min inductor value including worse case tolerances (30% drop can be considered for method 1)
•
f = Minimum switching frequency (1.6 MHz)
•
VOUT = Buck output voltage
(6)
9.2.2.1.1.2
Method 2:
A more conservative and recommended approach is to choose an inductor that has saturation current rating
greater than the maximum current limit of 1250 mA for Buck1 and 1750 mA for Buck2.
Given a peak-to-peak current ripple (IPP) the inductor needs to be at least
(7)
Table 8. Suggested Inductor Values
INDUCTOR
VALUE (µH)
DESCRIPTION
NOTES
LSW1,2
2.2
SW1,2 inductor
DCR. 70 m
Ω
9.2.2.1.2
External Capacitors
The regulators on the LP3907-Q1 require external capacitors for regulator stability. These are specifically
designed for portable applications requiring minimum board space and smallest components. These capacitors
must be correctly selected for good performance.
9.2.2.2 LDO Capacitor Selection
9.2.2.2.1
Input Capacitor
An input capacitor is required for stability. It is recommended that a 1-
μF capacitor be connected between the
LDO input pin and ground (this capacitance value may be increased without limit).
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LP3907-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com