Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3923 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3923
Description  Cellular Phone Power Management Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3923 Datasheet(HTML) 1 Page - Texas Instruments

  LP3923 Datasheet HTML 1Page - Texas Instruments LP3923 Datasheet HTML 2Page - Texas Instruments LP3923 Datasheet HTML 3Page - Texas Instruments LP3923 Datasheet HTML 4Page - Texas Instruments LP3923 Datasheet HTML 5Page - Texas Instruments LP3923 Datasheet HTML 6Page - Texas Instruments LP3923 Datasheet HTML 7Page - Texas Instruments LP3923 Datasheet HTML 8Page - Texas Instruments LP3923 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
8 x LDO
Control
Serial
Interface
I/O
Interface
of
Baseband
Processor
Li - Ion Charger
AC Adapter/
USB
Ichg
Monitor
-
+
BB Processor
Power Domains
Memory
RF
Peripheral
Devices
Buck
LP3923
www.ti.com
SNVS567B – APRIL 2010 – REVISED MAY 2013
LP3923 Cellular Phone Power Management Unit
Check for Samples: LP3923
1
FEATURES
KEY SPECIFICATIONS
2
Integrated Li-Ion Battery Charger with Power
50 mA to 1200 mA Charging Current
FET, Thermal Regulation and 28V OVP
3.0V to 5.5V Input Voltage Range
Six Low-Noise LDOs, Two LILO LDOs
135 mV typ. Dropout Voltage @ 300 mA LDOs
3 x 300 mA
2% (typ.) Output Voltage accuracy on LDOs
4 x 150 mA
700 mA (typ.) Buck Regulator
1 x 80 mA
DESCRIPTION
One High Efficiency Synchronous Magnetic
The LP3923 is a fully Integrated Power Management
Buck Regulators, IOUT 700 mA
Unit (PMU) designed for CDMA cellular phones.
High Efficiency PFM Mode @low IOUT
The LP3923 PMU contains a fully integrated Li-Ion
Auto Mode PFM/PWM Switch
battery charger with power FET and over-voltage-
Low Inductance 2.2 µH @ 2 MHz Clock
protection (OVP), one Buck regulator, 8 low-noise
I2C-compatible Interface for Controlling LDO
low-dropout (LDO) voltage regulators, and a high-
Outputs and Charger Operation
speed serial interface to program on/off conditions
and output voltages of individual regulators, and to
Thermal Shutdown with Early Warning Alarm
read status information of the PMU. Two LILO (low-
Under-Voltage Lockout
input, low-output) type LDOs with separate power
30-bump 3.0 x 2.5 mm DSBGA Package
input provide an application option for pre-regulated
high efficient power management for longer battery
APPLICATIONS
life.
Cellular Handsets
System Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3923

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3923 TI1-LP3923 Datasheet
1Mb / 34P
Cellular Phone Power Management Unit
LP3923 TI2-LP3923 Datasheet
597Kb / 37P
LP3923 Cellular Phone Power Management Unit
REVISED MAY 2013
LP3923TL TI1-LP3923TL Datasheet
1Mb / 34P
Cellular Phone Power Management Unit
LP3923TL-VB TI1-LP3923TL-VB Datasheet
1Mb / 34P
Cellular Phone Power Management Unit
LP3923TL-VB/NOPB TI2-LP3923TL-VB/NOPB Datasheet
597Kb / 37P
LP3923 Cellular Phone Power Management Unit
REVISED MAY 2013
More results

Similar Description - LP3923

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6038KN ROHM-BH6038KN Datasheet
404Kb / 6P
Power Management for Cellular Phone
BH6053GU ROHM-BH6053GU Datasheet
356Kb / 6P
Power management IC for cellular phone
BH6951GU ROHM-BH6951GU Datasheet
326Kb / 6P
Power management IC for cellular phone
BU7831KN ROHM-BU7831KN Datasheet
310Kb / 6P
Audio Management for cellular phone
logo
National Semiconductor ...
LP3941A NSC-LP3941A Datasheet
779Kb / 32P
Cellular Phone Power Management Unit
logo
Maxim Integrated Produc...
MAX1958 MAXIM-MAX1958 Datasheet
799Kb / 24P
W-CDMA/N-CDMA Cellular Phone HBT PA Management ICs
Rev 0; 10/02
logo
Semtech Corporation
SC905 SEMTECH-SC905 Datasheet
779Kb / 21P
CDMA Cellular Phone Power Management IC
SC905A SEMTECH-SC905A Datasheet
610Kb / 23P
CDMA Cellular Phone Power Management IC
logo
Texas Instruments
LP3923 TI1-LP3923 Datasheet
1Mb / 34P
Cellular Phone Power Management Unit
LP3941 TI1-LP3941 Datasheet
1Mb / 34P
Cellular Phone Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com