Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2989IMM-2.8/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP2989IMM-2.8/NOPB
Description  Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2989IMM-2.8/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP2989IMM-2.8/NOPB Datasheet HTML 5Page - Texas Instruments LP2989IMM-2.8/NOPB Datasheet HTML 6Page - Texas Instruments LP2989IMM-2.8/NOPB Datasheet HTML 7Page - Texas Instruments LP2989IMM-2.8/NOPB Datasheet HTML 8Page - Texas Instruments LP2989IMM-2.8/NOPB Datasheet HTML 9Page - Texas Instruments LP2989IMM-2.8/NOPB Datasheet HTML 10Page - Texas Instruments LP2989IMM-2.8/NOPB Datasheet HTML 11Page - Texas Instruments LP2989IMM-2.8/NOPB Datasheet HTML 12Page - Texas Instruments LP2989IMM-2.8/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LP2989
www.ti.com
SNVS083O – FEBRUARY 2005 – REVISED MARCH 2015
Typical Characteristics (continued)
TA = 25°C, COUT = 4.7 µF, CIN = 2.2 µF, SD is tied to VIN, VIN = VOUT(NOM)+ 1 V, IOUT = 1 mA, VOUT = 2.5 V (unless otherwise
specified)
Figure 13. Load Transient Response
Figure 14. Load Transient Response
Figure 16. Short Circuit Current vs Temperature
Figure 15. Short Circuit Current
Figure 17. Short Circuit Current
Figure 18. Short Circuit Current vs VOUT
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP2989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com