Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LOG100JP Datasheet(PDF) 4 Page - Texas Instruments

Part # LOG100JP
Description  LOGARITHMIC AND LOG RATIO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG100JP Datasheet(HTML) 4 Page - Texas Instruments

  LOG100JP Datasheet HTML 1Page - Texas Instruments LOG100JP Datasheet HTML 2Page - Texas Instruments LOG100JP Datasheet HTML 3Page - Texas Instruments LOG100JP Datasheet HTML 4Page - Texas Instruments LOG100JP Datasheet HTML 5Page - Texas Instruments LOG100JP Datasheet HTML 6Page - Texas Instruments LOG100JP Datasheet HTML 7Page - Texas Instruments LOG100JP Datasheet HTML 8Page - Texas Instruments LOG100JP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
®
LOG100
4
3dB FREQUENCY RESPONSE
I
2
0.1
1nA
1M
100k
10k
1k
100
10
1
10nA
100nA
1µA
10µA
100µA
1mA
100µA
100µA
1mA
I
1 = 1mA
1µA
1mA
to 10µA
100nA
10nA
I
1 = 1nA
10nA
10nA
1µA
10µA
100µA
C C
=
1µF
C C
= 1000pF
10µA
to
1µA
C C
= 10pF
I
1 = 1nA
1nA
100µA
MINIMUM VALUE OF COMPENSATION CAPACITOR
Input Current, I
2
1
1nA
1mA
100nA
10µA
1M
100k
10k
1k
100
10
100µA
1µA
10nA
Select C
C for
I
1 min and I2 max
Values below 2pF
may be ignored.
I
1 = 1nA
I
1 = 10nA
I
1 = 100nA
I
1 = 1µA
I
1 = 10µA
I
1 = 100µA to 1mA
TRIMMED OUTPUT ERROR vs INPUT CURRENT
1nA
60
50
40
30
20
10
0
–10
Input Current (I
1 or I2)
100nA
10µA
1mA
–20
–60
–50
–40
–30
–20
–10
0
10
20
Gain Error and
Offset Error Trimmed
to Zero
TOTAL ERROR vs INPUT CURRENT
Input Current ( I
1 or I2)
1nA
±75
±50
±25
100nA
10µA
1mA
0
0
ONE CYCLE OF NORMALIZED TRANSFER FUNCTION
1 (K)
0.9 (K)
0.8 (K)
0.7 (K)
0.6 (K)
0.5 (K)
0.4 (K)
0.3 (K)
0.2 (K)
0.1 (K)
26
110
3
Current Ratio,
I
1
I
2
48
NORMALIZED TRANSFER FUNCTION
0.001
3 (K)
2 (K)
1 (K)
0 (K)
–1 (K)
–2 (K)
–3 (K)
0.01
1
100
Current Ratio,
0.1
10
1000
I
1
I
2
I
1
I
2
V
OUT = K Log
TYPICAL PERFORMANCE CURVES
T
A = +25°C, VCC = ±15VDC, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com