Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2953AIM/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP2953AIM/NOPB
Description  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2953AIM/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP2953AIM/NOPB Datasheet HTML 14Page - Texas Instruments LP2953AIM/NOPB Datasheet HTML 15Page - Texas Instruments LP2953AIM/NOPB Datasheet HTML 16Page - Texas Instruments LP2953AIM/NOPB Datasheet HTML 17Page - Texas Instruments LP2953AIM/NOPB Datasheet HTML 18Page - Texas Instruments LP2953AIM/NOPB Datasheet HTML 19Page - Texas Instruments LP2953AIM/NOPB Datasheet HTML 20Page - Texas Instruments LP2953AIM/NOPB Datasheet HTML 21Page - Texas Instruments LP2953AIM/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
LP2952-N, LP2952A, LP2953, LP2953A
SNVS095F – MAY 2004 – REVISED MARCH 2015
www.ti.com
Application Information (continued)
8.1.1 External Capacitors
A 2.2-
μF (or greater) capacitor is required between the OUT pin and ground to assure stability when the output is
set to 5 V. Without this capacitor, the device will oscillate. Most types of tantalum or aluminum electrolytic
capacitors will work here. Film types will work, but are more expensive. Many aluminum electrolytic capacitors
contain electrolytes which freeze at
−30°C, which requires the use of solid tantalum capacitors below −25°C. The
important parameters of the capacitor are an equivalent series resistance (ESR) of about 5
Ω or less and a
resonant frequency above 500 kHz (the ESR may increase by a factor of 20 or 30 as the temperature is reduced
from 25°C to
−30°C). The value of this capacitor may be increased without limit.
At lower values of output current, less output capacitance is required for stability. The capacitor can be reduced
to 0.68
μF for currents below 10 mA or 0.22 μF for currents below 1 mA.
Programming the output for voltages below 5 V runs the error amplifier at lower gains requiring more output
capacitance for stability. At 3.3-V output, a minimum of 4.7
μF is required. For the worst-case condition of 1.23-V
output and 250 mA of load current, a 6.8-
μF (or larger) capacitor should be used.
A 1-
μF capacitor should be placed from the IN pin to ground if there is more than 10 inches of wire between the
IN pin and the ac filter capacitor or if a battery input is used.
Stray capacitance to the FEEDBACK pin can cause instability. This problem is most likely to appear when using
high-value external resistors to set the output voltage. Adding a 100-pF capacitor between the OUT and
FEEDBACK pins and increasing the output capacitance to 6.8
μF (or greater) will cure the problem.
8.1.2 Minimum Load
When setting the output voltage using an external resistive divider, a minimum current of 1
μA is recommended
through the resistors to provide a minimum load.
It should be noted that a minimum load current is specified in several of the Electrical Characteristics: All Voltage
Options test conditions, so this value must be used to obtain correlation on these tested limits.
8.1.3 Programming the Output Voltage
The regulator may be pin-strapped for 5-V operation using its internal resistive divider by tying the OUTPUT and
SENSE pins together and also tying the FEEDBACK and VTAP pins together.
Alternatively, it may be programmed for any voltage between the 1.23-V reference and the 30-V maximum rating
using an external pair of resistors (see Figure 31). The complete equation for the output voltage is:
where
•
VREF is the 1.23-V reference and IFB is the FEEDBACK pin bias current (−20 nA, typical).
(1)
The minimum recommended load current of 1
μA sets an upper limit of 1.2 MΩ on the value of R2 in cases
where the regulator must work with no load (see Minimum Load). IFB will produce a typical 2% error in VOUT
which can be eliminated at room temperature by trimming R1. For better accuracy, choosing R2 = 100 k
Ω will
reduce this error to 0.17% while increasing the resistor program current to 12
μA. Because the typical quiescent
current is 120
μA, this added current is negligible.
18
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LP2952-N LP2952A LP2953 LP2953A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com