Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2953AIMX/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP2953AIMX/NOPB
Description  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2953AIMX/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP2953AIMX/NOPB Datasheet HTML 3Page - Texas Instruments LP2953AIMX/NOPB Datasheet HTML 4Page - Texas Instruments LP2953AIMX/NOPB Datasheet HTML 5Page - Texas Instruments LP2953AIMX/NOPB Datasheet HTML 6Page - Texas Instruments LP2953AIMX/NOPB Datasheet HTML 7Page - Texas Instruments LP2953AIMX/NOPB Datasheet HTML 8Page - Texas Instruments LP2953AIMX/NOPB Datasheet HTML 9Page - Texas Instruments LP2953AIMX/NOPB Datasheet HTML 10Page - Texas Instruments LP2953AIMX/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
LP2952-N, LP2952A, LP2953, LP2953A
www.ti.com
SNVS095F – MAY 2004 – REVISED MARCH 2015
Electrical Characteristics: All Voltage Options (continued)
Limits are assured by production testing or correlation techniques using standard Statistical Quality Control (SQC) methods.
Unless otherwise specified, MIN (minimum) and MAX (maximum) specifications in apply over the full Operating Temperature
Range and TYP (typical) values apply at TJ = 25°C, VIN = VOUT(NOM) + 1 V, IOUT = 1 mA, COUT = 2.2 μF for 5-V parts and 4.7
μF for 3.3-V parts. FEEDBACK pin is tied to VTAP pin, OUT pin is tied to SENSE pin.
LP2952AI, LP2953AI,
LP2952I, LP2953I,
LP2952AI-3.3, LP2953AI-3.3(1)
LP2952I-3.3, LP2953I-3.3
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Output noise
COUT = 4.7 μF
400
400
voltage (10 Hz
μV
COUT = 33 μF
260
260
en
to 100 kHz)
RMS
COUT = 33 μF
(7)
80
80
IOUT = 100 mA
TJ = 25°C, see
(8)
1.215
1.23
1.245
1.205
1.23
1.255
Reference
VREF
V
voltage
see(8),
1.205
1.255
1.19
1.27
Reference
VIN = 2.5 V to VOUT + 1 V
0.03%
0.1%
0.03%
0.2%
voltage line
VIN = VOUT(NOM)+ 1 V to 30 V
(9)
0.03%
0.2%
0.03%
0.4%
regulation
Reference
TJ = 25°C, IREF = 0 to 200 μA
0.25%
0.4%
0.25%
0.8%
voltage load
IREF = 0 to 200 μA
0.25%
0.6%
0.25%
1.0%
regulation
Reference
voltage
See(2), –40°C
≤ TJ ≤ 125°C
20
20
ppm/°C
temperature
coefficient
TJ = 25°C
20
40
20
40
Feedback pin
IB(FB)
nA
bias current
20
60
20
60
TJ = 25°C; see
(10)
30
30
Output off
IO(SINK)
mA
pulldown current
See (10)
20
20
DROPOUT DETECTION COMPARATOR
TJ = 25°C, VOH = 30 V
0.01
1
0.01
1
Output high
IOH
μA
leakage
VOH = 30 V
0.01
2
0.01
2
TJ = 25°C, VIN = VOUT(NOM) −
0.5 V
150
250
150
250
Output low
IOUT(COMP) = 400 μA
VOL
mV
voltage
VIN = VOUT(NOM) − 0.5 V
150
400
150
400
IOUT(COMP) = 400 μA
TJ = 25°C, see
(11)
−80
−60
−35
−80
−60
−35
Upper threshold
VTHR(MAX)
mV
voltage
See(11)
−95
−60
−25
−95
−60
−25
TJ = 25°C, see
(11)
−110
−85
−55
−110
−85
−55
Lower threshold
VTHR(MIN)
mV
voltage
See(11)
−160
−85
−40
−160
−85
−40
HYST
Hysteresis
See(11)
15
15
mV
(7)
Connect a 0.1-
μF capacitor from the OUT pin to the FEEDBACK pin.
(8)
VREF ≤ VOUT ≤ (VIN − 1 V), 2.3 V ≤ VIN ≤ 30 V, 100 μA ≤ IOUT ≤ 250 mA.
(9)
Two separate tests are performed, one covering 2.5 V
≤ VIN ≤ VOUT(NOM)) + 1 V and the other test for VOUT(NOM) + 1 V ≤ VIN ≤ 30 V.
(10) VSHUTDOWN ≤ 1.1 V, VOUT = VOUT(NOM)
(11) Comparator thresholds are expressed in terms of a voltage differential at the FEEDBACK pin below the nominal reference voltage
measured at VIN = VOUT(NOM) + 1 V. To express these thresholds in terms of output voltage change, multiply by the error amplifier gain,
which is VOUT / VREF = (R1 + R2) / R2 (see Figure 31).
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP2952-N LP2952A LP2953 LP2953A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com