Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W160CT100ZB1S Datasheet(PDF) 20 Page - STMicroelectronics

Part # M28W160CT100ZB1S
Description  16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W160CT100ZB1S Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M28W160CT100ZB1S Datasheet HTML 16Page - STMicroelectronics M28W160CT100ZB1S Datasheet HTML 17Page - STMicroelectronics M28W160CT100ZB1S Datasheet HTML 18Page - STMicroelectronics M28W160CT100ZB1S Datasheet HTML 19Page - STMicroelectronics M28W160CT100ZB1S Datasheet HTML 20Page - STMicroelectronics M28W160CT100ZB1S Datasheet HTML 21Page - STMicroelectronics M28W160CT100ZB1S Datasheet HTML 22Page - STMicroelectronics M28W160CT100ZB1S Datasheet HTML 23Page - STMicroelectronics M28W160CT100ZB1S Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
M28W160CT, M28W160CB
20/50
MAXIMUM RATING
Stressing the device above the rating listed in the
Absolute Maximum Ratings table may cause per-
manent damage to the device. These are stress
ratings only and operation of the device at these or
any other conditions above those indicated in the
Operating sections of this specification is not im-
plied. Exposure to Absolute Maximum Rating con-
ditions for extended periods may affect device
reliability. Refer also to the STMicroelectronics
SURE Program and other relevant quality docu-
ments.
Table 12. Absolute Maximum Ratings
Note: 1. TA depends on the temperature range.
2. The minimum voltage may undershoot to
−2V during transition and for less than 20ns during transitions.
3. The maximum voltage may overshoot to Vcc + 2V during transition and for less than 20ns during transitions.
Symbol
Parameter
Value
Unit
Min
Max
TA
Ambient Operating Temperature (1)
−40
85
°C
TBIAS
Temperature Under Bias
−40
125
°C
TSTG
Storage Temperature
−55
155
°C
VIO
(2,3)
Input or Output Voltage
−0.6
VDDQ+0.6
V
VDD, VDDQ
Supply Voltage
−0.6
4.1
V
VPP
Program Voltage
−0.6
13
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com