Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS3650 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3650
Description  Quad Differential Line Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3650 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS3650 Datasheet HTML 1Page - National Semiconductor (TI) DS3650 Datasheet HTML 2Page - National Semiconductor (TI) DS3650 Datasheet HTML 3Page - National Semiconductor (TI) DS3650 Datasheet HTML 4Page - National Semiconductor (TI) DS3650 Datasheet HTML 5Page - National Semiconductor (TI) DS3650 Datasheet HTML 6Page - National Semiconductor (TI) DS3650 Datasheet HTML 7Page - National Semiconductor (TI) DS3650 Datasheet HTML 8Page - National Semiconductor (TI) DS3650 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Power Supply Voltages
V
CC
+7.0 V
DC
V
EE
−7.0 V
DC
Differential-Mode Input Signal Voltage
Range, V
IDR
±6.0 V
DC
Common-Mode Input Voltage Range,
V
ICR
±5.0 V
DC
Strobe Input Voltage, V
I(S)
5.5 V
DC
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 seconds)
260˚C
Maximum Power Dissipation (Note 1)
at 25˚C
Cavity Package
1509 mW
Molded DIP Package
1476 mW
SO Package
1051 mW
Operating Conditions
Min
Max
Units
Supply Voltage, V
CC
4.75
5.25
V
DC
Supply Voltage, V
EE
−4.75
−5.25
V
DC
Operating Temperature, T
A
0
+70
˚C
Output Load Current, I
OL
16
mA
Differential-Mode Input
Voltage Range, V
IDR
−5.0
+5.0
V
DC
Common-Mode Input
Voltage Range, V
ICR
−3.0
+3.0
V
DC
Input Voltage Range
Input to GND, V
IR
−5.0
+3.0
V
DC
Note 1: Derate cavity package 10.1 mW/˚C above 25˚C; derate molded DIP
package 11.8 mW/˚C above 25˚C; derate SO package 8.41 mW/˚C above
25˚C.
Electrical Characteristics (Notes 3, 4)
(V
CC = 5.0 VDC,VEE = −5.0 VDC, Min ≤ TA ≤ Max, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IS
Input Sensitivity, (Note 6)
(Common-Mode Voltage Range =
Min
≤ V
CC ≤ Max
±25.0
mV
−3V
≤ V
IN ≤ 3V)
Min
≥ V
EE ≥ Max
I
IH(I)
High Level Input Current to
(
Figure 5 )75
µA
Receiver Input
I
IL(I)
Low Level Input Current to
(
Figure 6 )
−10
µA
Receiver Input
I
IH(S)
High Level Input Current to Strobe Input
(
Figure 3 )V
IH(S) = 2.4V
40
µA
V
IH(S) = VCC
1mA
I
IL(S)
Low Level Input Current to Strobe Input
V
IH(S) = 0.4V
−1.6
mA
V
OH
High Level Output Voltage
(
Figure 1 )
2.4
V
V
OL
Low Level Output Voltage
(
Figure 1 )
0.45
V
I
OS
Short-Circuit Output Current (Note 5)
(
Figure 4 )
−18
−70
mA
I
OFF
Output Disable Leakage Current
(
Figure 7 )40
µA
I
CCH
High Logic Level Supply Current
(
Figure 2 )45
60
mA
from V
CC
I
EEH
High Logic Level Supply Current
(
Figure 2 )
−17
−30
mA
from V
EE
Note 2: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. Except for “Operating Temperature Range” they
are not meant to imply that the devices should be operated at these limits. The table of “Electrical Characteristics” provides conditions for actual device operation.
Note 3: Unless otherwise specified, min/max limits apply across the 0˚C to +70˚C range for the DS3650. All typical values are for TA = 25˚C, VCC = 5V and VEE =
−5V.
Note 4: All currents into device pins shown as positive, out of device pins as negative, all voltages referenced to ground unless otherwise noted. All values shown
as max or min on absolute value basis.
Note 5: Only one output at a time should be shorted.
Note 6: A parameter which is of primary concern when designing with line receivers is, what is the minimum differential input voltage required as the receiver input
terminals to guarantee a given output logic state. This parameter is commonly referred to as threshold voltage. It is well known that design considerations of threshold
voltage are plagued by input offset currents, bias currents, network source resistances, and voltage gain. As a design convenience, the DS3650 is specified to a pa-
rameter called input sensitivity (VIS). This parameter takes into consideration input offset currents and bias currents and guarantees a minimum input differential volt-
age to cause a given output logic state with respect to a maximum source impedance of 200
Ω at each input.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com