Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR16100PT Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # MBR16100PT
Description  DUAL SCHOTTKY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MBR16100PT Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  MBR16100PT Datasheet HTML 1Page - Diode Semiconductor Korea MBR16100PT Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2
3
15.8± 0.2
8.0± 0.2
PIN
2.2± 0.15
3.0± 0.1
5.4± 0.15
1.2± 0.15
0.6± 0.1
5.0± 0.15
2.0± 0.15
2.4± 0.2
φ3.6± 0.15
FEATURES
MECHANICAL DATA
Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
am bient tem perature unless otherwise specified.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard total device11111111
m rectified current @T
C = 125°C
IF(AV)
A
Peak forw ard surge current 8.3ms single half
b sine-w ave superimposed on rated load
IFSM
A
Maximum forw ard
F=8.0A ,TC=25
)
voltage per leg
(I
(NOTE 1)
Maximum reverse current
@T
C=25
at rated DC blocking voltage
@T
C=125
Maximum thermal resistance
(NOTE 2)
RθJC
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
2. Thermal resistance f rom junction to case and thermal resistance f rom junction to ambient.
m A
80
100
1
6
150
56
70
MBR
1
6100PT
80
100
VOLTAGE RANGE: 80 - 100 V
CURRENT: 16 A
Metal silicon junction, m ajority carrier conduction.
Case:JEDEC
TO-3P,molded plastic body
DUAL SCHOTTKY RECTIFIERS
High current capacity, low forward voltage drop.
NOTE: 1. Pulse test:300μs pulse width,1% duty cy cle.
-
55 ---- + 150
-
55 ---- + 150
Term inals:Solderable per MIL-STD-750,
1 1
Method 2026
IR
VF
1.0
1.5
TO-3P
MBR1680PT---MBR16100PT
MBR
1
680PT
Guard ring for over voltage protection.
High surge capacity.
For use in low voltage, high frequency inverters, free
111wheeling, and polarity protection applications.
Polarity: As m arked
Weight:
0.223 ounce, 6.3 grams
100
V
0.
85
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - MBR16100PT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MBR16100 MICROSEMI-MBR16100 Datasheet
122Kb / 2P
16 AMP SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
MBR16100 TSC-MBR16100 Datasheet
61Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
MBR16100 TSC-MBR16100 Datasheet
276Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
MBR16100 BILIN-MBR16100 Datasheet
156Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
MBR16100 TSC-MBR16100 Datasheet
653Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR16100PT

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SR1620CT BILIN-SR1620CT Datasheet
93Kb / 2P
DUAL SCHOTTKY RECTIFIERS
SR2020CT BILIN-SR2020CT Datasheet
90Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBRF2070CT BILIN-MBRF2070CT Datasheet
157Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBRB1635CT BILIN-MBRB1635CT Datasheet
136Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBRF1635CT BILIN-MBRF1635CT Datasheet
137Kb / 2P
DUAL SCHOTTKY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
MBRF2070CT SEMTECH_ELEC-MBRF2070CT Datasheet
197Kb / 2P
DUAL SCHOTTKY RECTIFIERS
logo
Shenzhen Luguang Electr...
SR2020CT LUGUANG-SR2020CT Datasheet
200Kb / 2P
Dual Schottky Rectifiers
logo
Diode Semiconductor Kor...
MBR1635PT DSK-MBR1635PT Datasheet
209Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBR2070PT DSK-MBR2070PT Datasheet
244Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBRB1635CT DSK-MBRB1635CT Datasheet
205Kb / 2P
DUAL SCHOTTKY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com