| Electronic Components Datasheet Search |
|
LP3954RL/NOPB Datasheet(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP3954RL/NOPB Datasheet(HTML) 15 Page - Texas Instruments |
|
15 / 60 page ![]() R1 G1 RR1 RR2 RB1 B1 RB2 RG1 RG2 R1 control G1 control B1 control VOUT RGB1 output as switch (SW) R1 G1 B1 R1 control G1 control B1 control VOUT RGB1 output as a constant current sink (CC) LP3954 www.ti.com SNVS340D – JUNE 2005 – REVISED MARCH 2013 Table 2. RGB_ctrl Register (00H) 1 R1, G1 and B1 are switches → limit current with ballast resistor CC_RGB1 bit7 0 R1, G1 and B1 are constant current sinks, current limited internally 1 R2, G2 and B2 are switches → limit current with ballast resistor CC_RGB2 bit6 0 R2, G2 and B2 are constant current sinks, current limited internally 1 R1 is on r1sw bit5 0 R1 is off 1 G1 is on g1sw bit4 0 G1 is off 1 B1 is on b1sw bit3 0 B1 is off 1 R2 is on r2sw bit2 0 R2 is off 1 G2 is on g2sw bit1 0 G2 is off 1 B2 is on b2sw bit0 0 B2 is off Command Based Pattern Generator for Color LEDs The LP3954 has a unique stand-alone command based pattern generator with 8 user controllable 16-bit wide commands. Since write registers are 8-bit long one command requires 2 write cycles. Each command has intensity level for each LED, command execution time (CET) and transition time (TT). The command structure is shown in following two figures. Copyright © 2005–2013, Texas Instruments Incorporated Submit Documentation Feedback 15 Product Folder Links: LP3954 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |