Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3954TL/NOPB Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # LP3954TL/NOPB
Description  Advanced Lighting Management Unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3954TL/NOPB Datasheet(HTML) 50 Page - Texas Instruments

Back Button LP3954TL/NOPB Datasheet HTML 46Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 47Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 48Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 49Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 50Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 51Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 52Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 53Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
LP3954
SNVS340D – JUNE 2005 – REVISED MARCH 2013
www.ti.com
AUDIO_SYNC_CTRL2 (2BH) – AUDIO SYNCHRONIZATION AND ADC CONTROL REGISTER 2
D7
D6
D5
D4
D3
D2
D1
D0
en_avg
mode_ctrl[1:0]
speed_ctrl[1:0]
r-0
r-0
r-0
rw-0
rw-0
rw-0
rw-0
rw-0
0 – averaging disabled
en_avg
Bit 4
1 – averaging enabled
mode_ctrl[1:0]
Bits 3-2
Filtering mode control
LEDs light response time to audio input
speed_ctrl[1:0]
Response
00
FASTEST (default)
speed_ctrl[1:0]
Bits 1-0
01
FAST
10
MEDIUM
11
SLOW
PATTERN CONTROL REGISTERS
Command_[1:8]A – Pattern Control Register A
D7
D6
D5
D4
D3
D2
D1
D0
r[2:0]
g[2:0]
cet[3:2]
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
Command_[1:8]B – Pattern Control Register B
D7
D6
D5
D4
D3
D2
D1
D0
cet[1:0]
b[2:0]
tt[2:0]
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
Red color intensity
r[2:0]
current, %
log=0
log=1
000
0×IMAX
0×IMAX
001
7%×IMAX
1%×IMAX
010
14%×IMAX
2%×IMAX
Bits
r[2:0]
7-5A
011
21%×IMAX
4%×IMAX
100
32%×IMAX
10%×IMAX
101
46%×IMAX
21%×IMAX
110
71%×IMAX
46%×IMAX
111
100%×IMAX
100%×IMAX
* log bit is in pattern_gen_ctrl register
50
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com