Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3988IMF-3.3/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP3988IMF-3.3/NOPB
Description  Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3988IMF-3.3/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LP3988IMF-3.3/NOPB Datasheet HTML 1Page - Texas Instruments LP3988IMF-3.3/NOPB Datasheet HTML 2Page - Texas Instruments LP3988IMF-3.3/NOPB Datasheet HTML 3Page - Texas Instruments LP3988IMF-3.3/NOPB Datasheet HTML 4Page - Texas Instruments LP3988IMF-3.3/NOPB Datasheet HTML 5Page - Texas Instruments LP3988IMF-3.3/NOPB Datasheet HTML 6Page - Texas Instruments LP3988IMF-3.3/NOPB Datasheet HTML 7Page - Texas Instruments LP3988IMF-3.3/NOPB Datasheet HTML 8Page - Texas Instruments LP3988IMF-3.3/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
LP3988
SNVS161E – OCTOBER 2001 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
8.3
Feature Description................................................. 10
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 11
2
Applications ........................................................... 1
9
Application and Implementation ........................ 12
3
Description ............................................................. 1
9.1
Application Information............................................ 12
4
Revision History..................................................... 2
9.2
Typical Application ................................................. 12
5
Pin Configuration and Functions ......................... 3
10
Power Supply Recommendations ..................... 15
6
Specifications......................................................... 4
11
Layout................................................................... 15
6.1
Absolute Maximum Ratings ...................................... 4
11.1
Layout Guidelines ................................................. 15
6.2
ESD Ratings.............................................................. 4
11.2
Layout Examples................................................... 16
6.3
Recommended Operating Conditions ....................... 5
11.3
DSBGA Mounting.................................................. 16
6.4
Thermal Information .................................................. 5
12
Device and Documentation Support ................. 17
6.5
Electrical Characteristics........................................... 6
12.1
Related Documentation ....................................... 17
6.6
Timing Requirements ................................................ 7
12.2
Community Resources.......................................... 17
6.7
Typical Characteristics .............................................. 7
12.3
Trademarks ........................................................... 17
7
Parameter Measurement Information .................. 9
12.4
Electrostatic Discharge Caution ............................ 17
8
Detailed Description ............................................ 10
12.5
Glossary ................................................................ 17
8.1
Overview ................................................................. 10
13
Mechanical, Packaging, and Orderable
8.2
Functional Block Diagram ....................................... 10
Information ........................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (May 2013) to Revision E
Page
•
Changed "
−40°C to +80°C" to "−40°C to +125°C" under Features ....................................................................................... 1
•
Added Device Information table, Pin Configuration and Functions section, ESD Ratings table, Feature Description,
Device Functional Modes, Application and Implementation, Power Supply Recommendations, Layout, Device and
Documentation Support, and Mechanical, Packaging, and Orderable Information sections ................................................. 1
•
Updated Thermal Information ................................................................................................................................................ 5
Changes from Revision C (May 2013) to Revision D
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 11
2
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: LP3988



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com