Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HV57009 Datasheet(PDF) 8 Page - Supertex, Inc

Part # HV57009
Description  64-Channel Serial to Parallel Converter with P-Channel Open Drain Controllable Output Current
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV57009 Datasheet(HTML) 8 Page - Supertex, Inc

  HV57009_13 Datasheet HTML 1Page - Supertex, Inc HV57009_13 Datasheet HTML 2Page - Supertex, Inc HV57009_13 Datasheet HTML 3Page - Supertex, Inc HV57009_13 Datasheet HTML 4Page - Supertex, Inc HV57009_13 Datasheet HTML 5Page - Supertex, Inc HV57009_13 Datasheet HTML 6Page - Supertex, Inc HV57009_13 Datasheet HTML 7Page - Supertex, Inc HV57009_13 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives
an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability
to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and
specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com)
©2013 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
8
HV57009
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-HV57009
A061913
80-Lead PQFP Package Outline (PG)
20.00x14.00mm body, 3.40mm height (max), 0.80mm pitch, 3.90mm footprint
Symbol
A
A1
A2
b
D
D1
E
E1
e
L
L1
L2
θ
θ1
Dimen-
sion
(mm)
MIN 2.80* 0.25 2.55 0.30 23.65* 19.80* 17.65* 13.80*
0.80
BSC
0.73
1.95
REF
0.25
BSC
0O
5O
NOM
-
-
2.80
-
23.90
20.00
17.90
14.00
0.88
3.5O
-
MAX 3.40 0.50* 3.05 0.45 24.15* 20.20* 18.15* 14.20*
1.03
7O
16O
JEDEC Registration MO-112, Variation CB-1, Issue B, Sept.1995.
* This dimension is not specified in the JEDEC drawing.
Drawings not to scale.
Supertex Doc. #: DSPD-80PQFPPG, Version C041309.
1
80
Top View
View B
Side View
Seating
Plane
Gauge
Plane
θ
L
L1
L2
View B
Seating
Plane
A2
A
A1
D
E
E1
D1
b
Note 1
(Index Area
D1/4 x E1/4)
e
θ1
Note:
1.
A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be: a molded mark/identifier; an embedded metal marker; or
a printed indicator.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com