Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HV238FG-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV238FG-G
Description  16-Channel High Voltage Analog Switch With Bleed Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV238FG-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV238FG-G Datasheet HTML 1Page - Supertex, Inc HV238FG-G Datasheet HTML 2Page - Supertex, Inc HV238FG-G Datasheet HTML 3Page - Supertex, Inc HV238FG-G Datasheet HTML 4Page - Supertex, Inc HV238FG-G Datasheet HTML 5Page - Supertex, Inc HV238FG-G Datasheet HTML 6Page - Supertex, Inc HV238FG-G Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
HV238
Supertex inc.
www.supertex.com
Doc.# DSFP-HV238
B070813
Absolute Maximum Ratings
Parameter
Value
V
DD logic power supply voltage
-0.5V to +15V
V
PP - VNN supply voltage
225V
V
PP positive high voltage supply
-0.5V to V
NN +225V
V
NN negative high voltage supply
+0.5V to -225V
Logic input voltages
-0.5V to V
DD +0.3V
Analog signal range
V
NN to VPP
Peak analog signal current/channel
3.0A
Storage temperature
-65OC to +150OC
Power dissipation
1.0W
Operating Conditions
Sym
Parameter
Value
V
DD
Logic power supply voltage
4.75V to 12.6V
V
PP
Positive high voltage supply
50V to 110V
V
NN
Negative high voltage supply
-10V to V
PP -220V
V
IH
High level input voltage
V
DD -1.0V to VDD
V
IL
Low-level input voltage
0V to 1.0V
V
SIG
Analog signal voltage peak-to-peak
V
NN +10V to VPP -10V
T
A
Operating free air temperature
0OC to 70OC
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Notes:
1.
Power up/down sequence is arbtrary except GND must be powered -up first and powered-down last.
2.
V
SIG must be VNN ≤ VSIG ≤ VPP or floating during power up/down transition.
3.
Rise and fall times of power supplies V
DD, VPP, and VNN should not be less than 1.0msec.
Pin Configuration
Product Marking
48-Lead LQFP
(top view)
48-Lead LQFP
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin*
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW
HV238FG
LLLLLLLLL
CCCCCCCC
AAA
1
48
Package may or may not include the following marks: Si or
Ordering Information
Part Number
Package Option
Packing
HV238FG-G
48-Lead LQFP
250/Tray
HV238FG-G M931
1000/Reel
Typical Thermal Resistance
Package
θ
ja
48-Lead LQFP
52OC/W
-G denotes a lead (Pb)-free / RoHS compliant package



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com