Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3996SD-2533/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP3996SD-2533/NOPB
Description  LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3996SD-2533/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP3996SD-2533/NOPB Datasheet HTML 1Page - Texas Instruments LP3996SD-2533/NOPB Datasheet HTML 2Page - Texas Instruments LP3996SD-2533/NOPB Datasheet HTML 3Page - Texas Instruments LP3996SD-2533/NOPB Datasheet HTML 4Page - Texas Instruments LP3996SD-2533/NOPB Datasheet HTML 5Page - Texas Instruments LP3996SD-2533/NOPB Datasheet HTML 6Page - Texas Instruments LP3996SD-2533/NOPB Datasheet HTML 7Page - Texas Instruments LP3996SD-2533/NOPB Datasheet HTML 8Page - Texas Instruments LP3996SD-2533/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LP3996
www.ti.com
SNVS360D – NOVEMBER 2006 – REVISED OCTOBER 2013
ELECTRICAL CHARACTERISTICS
(1) (2)
Unless otherwise noted, VEN = 950 mV, VIN = VOUT + 1.0V, or 2.0V, whichever is higher, where VOUT is the higher of VOUT1 and
VOUT2. CIN = 1 µF, IOUT = 1 mA, COUT1 = COUT2 = 1.0 µF.
Typical values and limits appearing in normal type apply for TA = 25°C. Limits appearing in boldface type apply over the full
junction temperature range for operation,
−40 to +125°C.
LIMIT
SYMBOL
PARAMETER
CONDITIONS
TYP
UNITS
MIN
MAX
VIN
Input Voltage
See(3)
2
6
V
ΔVOUT
Output Voltage Tolerance
IOUT = 1mA
1.5V < VOUT ≤ 3.3V
–2.5
+2.5
–3.75
+3.75
%
VOUT ≤ 1.5V
–2.75
+2.75
–4
+4
Line Regulation Error
VIN = (VOUT(NOM) + 1.0V) to 6.0V
0.03
0.3
%/V
Load Regulation Error
IOUT = 1 mA to 150 mA
85
155
(LDO 1)
µV/mA
IOUT = 1 mA to 300 mA
26
85
(LDO 2)
VDO
Dropout Voltage(4)
IOUT = 1 mA to 150 mA
110
220
(LDO 1)
mV
IOUT = 1 mA to 300 mA
210
550
(LDO 2)
IQ
Quiescent Current
LDO 1 ON, LDO 2 ON
35
100
IOUT1= IOUT2 = 0 mA
LDO 1 ON, LDO 2 OFF
45
110
IOUT1 = 150 mA
µA
LDO 1 OFF, LDO 2 ON
45
110
IOUT2 = 300 mA
LDO 1 ON, LDO 2 ON
70
170
IOUT1 = 150 mA, IOUT2 = 300 mA
VEN1 = VEN2 = 0.4V
0.5
10
nA
(1)
All Voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are specified by design, test or statistical analysis. Typical numbers are not ensured, but do represent the most likely
norm.
(3)
VIN(MIN) = VOUT(NOM) +0.5V, or 2.0V, whichever is higher.
(4)
Dropout voltage is voltage difference between input and output at which the output voltage drops to 100 mV below its nominal value.
This parameter only for output voltages above 2.0V
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3996



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com