Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5521TM/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP5521TM/NOPB
Description  LP5521 Programmable Three-Channel LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5521TM/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP5521TM/NOPB Datasheet HTML 3Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 4Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 5Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 6Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 7Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 8Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 9Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 10Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
7
LP5521
www.ti.com
SNVS441H – JANUARY 2007 – REVISED MAY 2016
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
Input, output, and fly capacitors should be of the type X5R or X7R low ESR ceramic capacitor.
6.6 Charge Pump Electrical Characteristics
Limits are for TJ = 25°C unless specified in the test conditions.
(1)
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
ROUT
Charge pump output
resistance
Gain = 1.5×
3.5
Ω
Gain = 1×
1
Ω
fSW
Switching frequency
1.25
MHz
–30°C < TA < 85°C
–7%
7%
IGND
Ground current
Gain = 1.5×
1.2
mA
Gain = 1×
0.5
mA
tON
VOUT turn-on time from charge
pump off to 1.5x mode
VDD = 3.6 V, CHIP_EN = H
IOUT = 60 mA
100
μs
VOUT
Charge pump output voltage
VDD = 3.6 V, no load, Gain = 1.5×
4.55
V
(1)
Matching is the maximum difference from the average of the three output's currents.
(2)
Saturation voltage is defined as the voltage when the LED current has dropped 10% from the value measured at VOUT – 1 V.
6.7 LED Driver Electrical Characteristics (R, G, B Outputs)
Limits are for TJ = 25°C unless specified in the test conditions.
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
ILEAKAGE
R, G, B pin leakage current
0.1
µA
–30°C < TA < 85°C
1
IMAX
Maximum source current
Outputs R, G, B
25.5
mA
IOUT
Accuracy of output current
Output current set to 17.5 mA, VDD = 3.6 V
–4%
4%
Output current set to 17.5 mA, VDD = 3.6 V,
–30°C < TA < 85°C
–5%
5%
IMATCH
Matching(1)
IOUT = 17.5 mA, VDD = 3.6 V
1%
2%
fLED
LED PWM switching
frequency
PWM_HF = 1
Frequency defined by internal oscillator
558
Hz
PWM_HF = 0
Frequency defined by 32-kHz clock
(internal or external)
256
Hz
VSAT
Saturation voltage(2)
IOUT set to 17.5 mA
50
100
mV
(1)
The I2C-compatible host should allow at least 1 ms before sending data to the LP5521 after the rising edge of the enable line.
6.8 Logic Interface Characteristics
(V(EN) = 1.65 V...VDD, and limits apply through ambient temperature range –30°C < TA < +85°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC INPUT EN
VIL
Input low level
0.5
V
VIH
Input high level
1.2
V
II
Logic input current
–1
1
µA
tDELAY
Input delay (1)
TJ = 25°C
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com