Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5560TMX/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP5560TMX/NOPB
Description  LP5560 Programmable LED Driver With Single-Wire Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5560TMX/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP5560TMX/NOPB Datasheet HTML 12Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 13Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 14Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 15Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 16Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 17Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 18Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 19Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
16
LP5560
SNVS873D – AUGUST 2012 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP5560
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
7.3.7 LED OFF-Time Setting
LED off time has also 5-bit control. Off time can be controlled from 26.4 ms to 6019.2 ms in 31 steps. Off time is
always twice as long as on time with same setting.
Table 5. LED OFF-Time Setting
SETTING
LED OFF TIME (ms)
0
26.4
1
52.8
2
105.6
3
211.2
4
316.8
5
422.4
6
528
7
633.6
8
739.2
9
871.2
10
1003.2
11
1188
12
1399.2
13
1610.4 default
14
1821.6
15
2032.8
16
2244
17
2455.2
18
2706
19
2956.8
20
3207.6
21
3458.4
22
3709.2
23
3960
24
4210.8
25
4461.6
26
4712.4
27
4963.2
28
5227.2
29
5491.2
30
5755.2
31
6019.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com