Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPV7215MFX/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LPV7215MFX/NOPB
Description  Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV7215MFX/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LPV7215MFX/NOPB Datasheet HTML 7Page - Texas Instruments LPV7215MFX/NOPB Datasheet HTML 8Page - Texas Instruments LPV7215MFX/NOPB Datasheet HTML 9Page - Texas Instruments LPV7215MFX/NOPB Datasheet HTML 10Page - Texas Instruments LPV7215MFX/NOPB Datasheet HTML 11Page - Texas Instruments LPV7215MFX/NOPB Datasheet HTML 12Page - Texas Instruments LPV7215MFX/NOPB Datasheet HTML 13Page - Texas Instruments LPV7215MFX/NOPB Datasheet HTML 14Page - Texas Instruments LPV7215MFX/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
0
1
2
3
4
5
17
18
19
20
21
22
23
24
COMMON MODE VOLTAGE (V)
85°C
25°C
-40°C
VOD = 20 mV
V
+
= 5V
0
1
2
3
4
5
0
200
400
600
800
1000
1200
1400
COMMON MODE VOLTAGE (V)
V
+
= 5V
85°C
25°C
-40°C
0
0.5
1
1.5
2
2.5
3
10
10.5
11
11.5
12
12.5
13
13.5
14
14.5
15
COMMON MODE VOLTAGE (V)
85°C
25°C
-40°C
VOD = 20 mV
V
+
= 2.7V
0
1
2
3
4
5
COMMON MODE INPUT VOLTAGE (V)
9
10
11
12
13
-40°C
25°C
85°C
VOD = 20 mV
V
+
= 5V
LPV7215
www.ti.com
SNOSAI6I – SEPTEMBER 2005 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
At TJ = 25°C unless otherwise specified.
Propagation Delay vs. Common Mode Input
Propagation Delay vs. Common Mode Input
Figure 28.
Figure 29.
Propagation Delay vs. Common Mode Input
Offset Voltage vs. Common Mode Input
Figure 30.
Figure 31.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LPV7215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com