Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W160CT90ZB1F Datasheet(PDF) 49 Page - STMicroelectronics

Part # M28W160CT90ZB1F
Description  16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W160CT90ZB1F Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M28W160CT90ZB1F Datasheet HTML 42Page - STMicroelectronics M28W160CT90ZB1F Datasheet HTML 43Page - STMicroelectronics M28W160CT90ZB1F Datasheet HTML 44Page - STMicroelectronics M28W160CT90ZB1F Datasheet HTML 45Page - STMicroelectronics M28W160CT90ZB1F Datasheet HTML 46Page - STMicroelectronics M28W160CT90ZB1F Datasheet HTML 47Page - STMicroelectronics M28W160CT90ZB1F Datasheet HTML 48Page - STMicroelectronics M28W160CT90ZB1F Datasheet HTML 49Page - STMicroelectronics M28W160CT90ZB1F Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
49/50
M28W160CT, M28W160CB
REVISION HISTORY
Table 34. Document Revision History
Date
Version
Revision Details
January 2001
-01
First Issue
3/06/01
-02
Document type: from Preliminary Data to Data Sheet
70ns Speed Class added
24-Apr-2001
-03
Completely rewritten and restructured, 85ns speed class added.
29-May-2001
-04
Corrections made to CFI data.
31-May-2001
-05
Corrections to TFBGA46 package dimensions.
02-Jul-2001
-06
Corrections to Table 3. Commands (Lock, Unlock, Lock-Down)
31-Oct-2001
-07
VDDQ Maximum changed to 3.3V
Commands Table, Read CFI Query Address on 1st cycle changed to ‘X’ (Table 4)
tWHEL description clarified (Table 17)
16-May-2002
-08
VDDQ Maximum changed to 3.6V, TFBGA package dimensions added to description.
19-Feb-2003
8.1
Revision numbering modified: a minor revision will be indicated by incrementing the
digit after the dot, and a major revision, by incrementing the digit before the dot
(revision version 08 equals 8.0). Revision History moved to end of document.
Data Retention parameter added to Table 8, Program, Erase Times and Program/
Erase Endurance Cycles. S option added to Table 22, Ordering Information Scheme,
and T option specified.
04-Oct-2005
9.0
ECOPACK Package option added.
TSOP48 Mechanical Data updated.
Note 1 updated and notes 2 and 3 added belowTable 12.Absolute Maximum Ratings.
20-Jan-2006
10.0
Figure 13. TSOP48 - 48 lead Plastic Thin Small Outline, 12 x 20mm, Package
Outline corrected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com