Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS89C430 Datasheet(PDF) 30 Page - Dallas Semiconductor

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS89C430 Datasheet(HTML) 30 Page - Dallas Semiconductor

Back Button DS89C430 Datasheet HTML 26Page - Dallas Semiconductor DS89C430 Datasheet HTML 27Page - Dallas Semiconductor DS89C430 Datasheet HTML 28Page - Dallas Semiconductor DS89C430 Datasheet HTML 29Page - Dallas Semiconductor DS89C430 Datasheet HTML 30Page - Dallas Semiconductor DS89C430 Datasheet HTML 31Page - Dallas Semiconductor DS89C430 Datasheet HTML 32Page - Dallas Semiconductor DS89C430 Datasheet HTML 33Page - Dallas Semiconductor DS89C430 Datasheet HTML 34Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
DS89C430/DS89C440/DS89C450 Ultra-High-Speed Flash Microcontrollers
30 of 48
Figure 10. Page Mode 1, External Memory Cycle (CD1:CD0 = 10)
Internal Memory Cycles
XTAL1
ALE
Port 0
Port 2
Data
Data
Inst
MSB
MSB
MSB
MSB
MSB
LSB
LSB
LSB
LSB
LSB
LSB
Inst
Inst
External Memory Cycles
Page Miss
Page Hit
Page Miss
Data Access
Data Access
PAGES=00
ALE
PSEN
MOVX
Inst
Data
Page Miss
Page Miss
Data Access
Page Hit
MSBAdd
LSB Add
LSB Add
MSBAdd
MSBAdd
LSB Add
PAGES=01
Port 0
Port 2
MSBAdd
LSB Add
LSB Add
Inst
Data
Port 2
Port 0
PSEN
ALE
Page Miss
Data Access
RD/WR
RD/WR
PAGES=10
RD/WR
MOVX MOVX
LSB
PSEN
MOVX executed
MOVX executed
MOVX executed
next instruction
During a page miss, P2 drives the Addr [8:15] of the 16-bit address and holds it for the duration of the first half of
the memory cycle to allow the external address latches to latch the new most significant address byte. ALE is
asserted to strobe the external address latches. During this operation,
PSEN, RD, and WR are held in inactive
states and P0 is in a high-impedance state. The following half-memory cycle is executed as a page hit cycle and
the appropriate operation takes place.
A page miss can occur at set intervals or during external operations that require a memory access into a page of
memory that has not been accessed during the last external cycle. Generally, the first external memory access
causes a page miss. The new page address is stored internally and is used to detect a page miss for the current
external memory cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com