Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE2037IDRG4 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2037IDRG4
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2037IDRG4 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLE2037IDRG4 Datasheet HTML 12Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 13Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 14Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 15Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 16Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 17Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 18Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 19Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS192C − FEBRUARY 1997 − REVISED APRIL 2010
16
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
6, 7
ΔVIO
Input offset voltage change
vs Time after power on
8, 9
IIO
Input offset current
vs Free-air temperature
10
I
Input bias current
vs Free-air temperature
11
IIB
Input bias current
vs
vs
Free air temperature
Common-mode input voltage
11
12
II
Input current
vs Differential input voltage
13
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
14, 15
V
Maximum (positive/negative) peak output
vs Load resistance
16, 17
VOM
Maximum (positive/negative) peak output
voltage
vs
vs
Load resistance
Free-air temperature
16, 17
18, 19
vs Supply voltage
20
A
Large signal differential voltage amplification
vs
vs
Supply voltage
Load resistance
20
21
AVD
Large-signal differential voltage amplification
vs
vs
Load resistance
Frequency
21
22 − 25
vs
vs
Frequency
Free-air temperature
22 25
26
zo
Output impedance
vs Frequency
27
CMRR
Common-mode rejection ratio
vs Frequency
28
kSVR
Supply-voltage rejection ratio
vs Frequency
29
vs Supply voltage
30, 31
IOS
Short-circut output current
vs
vs
Supply voltage
Elapsed time
30, 31
32, 33
IOS
Short circut output current
vs
vs
Elapsed time
Free-air temperature
32, 33
34, 35
I
Supply current
vs Supply voltage
36
ICC
Supply current
vs
vs
Supply voltage
Free-air temperature
36
37
Voltage follower pulse response
Small signal
38, 40
Voltage-follower pulse response
Small signal
Large signal
38, 40
39, 41
Vn
Equivalent input noise voltage
vs Frequency
42
Noise voltage (referred to input)
Over 10-second interval
43
B
Unity gain bandwidth
vs Supply voltage
44
B1
Unity-gain bandwidth
vs
vs
Supply voltage
Load capacitance
44
45
Gain bandwidth product
vs Supply voltage
46
Gain bandwidth product
vs
vs
Supply voltage
Load capacitance
46
47
SR
Slew rate
vs Free-air temperature
48, 49
vs Supply voltage
50, 51
φm
Phase margin
vs
vs
Supply voltage
Load capacitance
50, 51
52, 53
φm
Phase margin
vs
vs
Load capacitance
Free-air temperature
52, 53
54, 55
Phase shift
vs Frequency
22 − 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com