Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RS1AB Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # RS1AB
Description  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

RS1AB Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  RS1AB Datasheet HTML 1Page - Diode Semiconductor Korea RS1AB Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Lead Temperature (
°C)
Fig. 1 — Forward Current
Derating Curve
Fig. 3 — Typical Instantaneous
Forward Characteristics
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig. 4 — Typical Reverse
Characteristics
Fig. 6 — Typical Transient
Thermal Impedance
Number of Cycles at 60 HZ
t, Pulse Duration (sec.)
Fig. 2 — Maximum Non-Repetitive
Peak Forward Surge Current
Reverse Voltage (V)
Fig. 5 — Typical Junction
Capacitance
0
20
40
60
80
100
120
140
160
180
0
0.5
1.0
1.2
Resistive or Inductive Load
1
10
100
0
10
20
30
40
50
TL = 90
°C
8.3ms Single Half Sine-Wave
(JEDEC Method)
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0.01
0.1
1
10
30
Pulse Width = 300
µs
1% Duty Cycle
0
20
40
60
80
100
0.01
0.1
1
10
30
1
10
100
1
10
30
TJ = 25°C
f = 1.0MHZ
Vsig = 50mVp-p
0.01
0.1
1
10
1
10
100
Mounted on 0.2 x 0.2" (5 x 5mm)
Copper Pad Area
P.C.B. Mounted on 0.2 x 0.2" (5.0 x 5.0 mm)
Copper Pad Areas
TJ = 25°C
TJ = 100°C
TJ = 125
°C
TJ = 125°C
TJ = 25
°C
RS1AB- - -RS1MB
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com