Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV2341IPWLE Datasheet(PDF) 17 Page - Texas Instruments

Part # TLV2341IPWLE
Description  LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2341IPWLE Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV2341IPWLE Datasheet HTML 13Page - Texas Instruments TLV2341IPWLE Datasheet HTML 14Page - Texas Instruments TLV2341IPWLE Datasheet HTML 15Page - Texas Instruments TLV2341IPWLE Datasheet HTML 16Page - Texas Instruments TLV2341IPWLE Datasheet HTML 17Page - Texas Instruments TLV2341IPWLE Datasheet HTML 18Page - Texas Instruments TLV2341IPWLE Datasheet HTML 19Page - Texas Instruments TLV2341IPWLE Datasheet HTML 20Page - Texas Instruments TLV2341IPWLE Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
TLV2341, TLV2341Y
LinCMOS
™ PROGRAMMABLE LOW-VOLTAGE
OPERATIONAL AMPLIFIERS
SLOS110A – MAY 1992 – REVISED AUGUST 1994
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (HIGH-BIAS MODE)
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
10
100
1 K
10 K
100 K
1 M
f – Frequency – Hz
10 M
–60
°
–30
°
0
°
30
°
60
°
90
°
120
°
150
°
180
°
10 7
10 6
10 5
10 4
10 3
10 2
10 1
0.1
VDD = 3 V
RL = 10 kΩ
CL = 20 pF
TA = 25°C
AVD
Phase Shift
1
Figure 26
10 7
10 6
10 5
10 4
10 3
10 2
10 1
1
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
10
100
1 k
10 k
100 k
1 M
10 M
f – Frequency – Hz
–60
°
–30
°
0
°
30
°
60
°
90
°
120
°
150
°
180
°
AVD
Phase Shift
0.1
VDD = 5 V
RL = 10 kΩ
CL = 20 pF
TA = 25°C
Figure 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com