Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5904SP-2.8/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LP5904SP-2.8/NOPB
Description  Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5904SP-2.8/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LP5904SP-2.8/NOPB Datasheet HTML 1Page - Texas Instruments LP5904SP-2.8/NOPB Datasheet HTML 2Page - Texas Instruments LP5904SP-2.8/NOPB Datasheet HTML 3Page - Texas Instruments LP5904SP-2.8/NOPB Datasheet HTML 4Page - Texas Instruments LP5904SP-2.8/NOPB Datasheet HTML 5Page - Texas Instruments LP5904SP-2.8/NOPB Datasheet HTML 6Page - Texas Instruments LP5904SP-2.8/NOPB Datasheet HTML 7Page - Texas Instruments LP5904SP-2.8/NOPB Datasheet HTML 8Page - Texas Instruments LP5904SP-2.8/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
B2
B1
A2
A1
VOUT
GND
VIN
VEN
B2
B1
A2
A1
VOUT
GND
VIN
VEN
TOP VIEW
BOTTOM VIEW
SVA-30110402
LP5904
SNVS637G – MARCH 2011 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
CONNECTION DIAGRAMS
Note: The actual physical placement of the package marking will vary from part to part. The package marking “A”
designates the date code, and will vary in production.
Figure 1. 4-Bump Thin DSBGA Package
Package Number YFQ0004AAA
PIN DESCRIPTIONS
PIN
DESCRIPTION
NAME
NO.
A1
VIN
Input voltage supply. A 1.0 µF capacitor should be connected at this input.
Output voltage. A 1.0 µF Low ESR capacitor should be connected to this pin. Connect this output to
A2
VOUT
the load circuit. An internal 280
Ω discharge resistor prevents a charge remaining on VOUT when
disabled.
Enable input; disables the regulator when
≤ 0.4V. Enables the regulator when ≥ 1.2V. An internal 1MΩ
B1
VEN
pulldown resistor connects this input to ground.
B2
GND
Common ground.
ORDERING INFORMATION
DSBGA PACKAGE (LEAD FREE)(1)
SUPPLIED AS
OUTPUT VOLTAGE (V)
250 TAPE AND REEL
3000 TAPE AND REEL
1.2
LP5904TME-1.2/NOPB
LP5904TMX-1.2/NOPB
1.8(2)
LP5904TME-1.8/NOPB
LP5904TMX-1.8/NOPB
2.5(2)
LP5904TME-2.5/NOPB
LP5904TMX-2.5/NOPB
2.6(2)
LP5904TME-2.6/NOPB
LP5904TMX-2.6/NOPB
2.8
LP5904TME-2.8/NOPB
LP5904TMX-2.8/NOPB
2.85
LP5904TME-2.85/NOPB
LP5904TMX-2.85/NOPB
3.0(2)
LP5904TME-3.0/NOPB
LP5904TMX-3.0/NOPB
3.1
LP5904TME-3.1/NOPB
LP5904TMX-3.1/NOPB
3.2(2)
LP5904TME-3.2/NOPB
LP5904TMX-3.2/NOPB
3.4(2)
LP5904TME-3.4/NOPB
LP5904TMX-3.4/NOPB
(1)
Contact your local TI Sales Office for availability of other voltage options.
(2)
Not yet released — contact TI sales office for sample availability.
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LP5904



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com