Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5990TM-3.3/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LP5990TM-3.3/NOPB
Description  LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5990TM-3.3/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP5990TM-3.3/NOPB Datasheet HTML 5Page - Texas Instruments LP5990TM-3.3/NOPB Datasheet HTML 6Page - Texas Instruments LP5990TM-3.3/NOPB Datasheet HTML 7Page - Texas Instruments LP5990TM-3.3/NOPB Datasheet HTML 8Page - Texas Instruments LP5990TM-3.3/NOPB Datasheet HTML 9Page - Texas Instruments LP5990TM-3.3/NOPB Datasheet HTML 10Page - Texas Instruments LP5990TM-3.3/NOPB Datasheet HTML 11Page - Texas Instruments LP5990TM-3.3/NOPB Datasheet HTML 12Page - Texas Instruments LP5990TM-3.3/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
0
1.0
2.0
_
3.0
_
4.0
_
5.0
_
DC Bias (V)
100%
80%
60%
40%
20%
_
0402, 6.3V, X5R
0603, 10V, X5R
LP5990
www.ti.com
SNVS438B – APRIL 2007 – REVISED DECEMBER 2007
CAPACITOR CHARACTERISTICS
The LP5990 is designed to work with ceramic capacitors on the input and output to take advantage of the
benefits they offer. For capacitance values in the range of 1.0
μF to 4.7 μF, ceramic capacitors are the smallest,
least expensive and have the lowest ESR values, thus making them best for eliminating high frequency noise.
The ESR of a typical 1.0
μF ceramic capacitor is in the range of 20 mΩ to 40 mΩ, which easily meets the ESR
requirement for stability for the LP5990
For both input and output capacitors careful interpretation of the capacitor specification is required to ensure
correct device operation. The capacitor value can change greatly depending on the conditions of operation and
capacitor type.
In particular the output capacitor selection should take account of all the capacitor parameters to ensure that the
specification is met within the application.Capacitance value can vary with DC bias conditions as well as
temperature and frequency of operation. Capacitor values will also show some decrease over time due to aging.
The capacitor parameters are also dependant on particular case size with smaller sizes giving poorer
performance figures in general. As an example Figure 16 shows a typical graph showing a comparison of
capacitor case sizes in a Capacitance versus DC Bias plot. As shown in the graph, as a result of the DC Bias
condition, the capacitance value may drop below the minimum capacitance value given in the recommended
capacitor table (0.3µF in this case). Note that the graph shows the capacitance out of spec for the 0402 case
size capacitor at higher bias voltages. It is therefore recommend that the capacitor manufacturer's specifications
for the nominal value capacitor are consulted for all conditions as some capacitors may not be suited in the
application.
The temperature performance of ceramic capacitors varies by type and manufacturer. Most large value ceramic
capacitors (
≥2.2 µF) are manufactured with Z5U or Y5V temperature characteristics, which results in the
capacitance dropping by more than 50% as the temperature goes from 25°C to 85°C.
A better choice for temperature coefficient in a ceramic capacitor is X7R. This type of capacitor is the most stable
and holds the capacitance within ±15% over the temperature range. Tantalum capacitors are less desirable than
ceramic for use as output capacitors because they are more expensive when comparing equivalent capacitance
and voltage ratings in the 0.47
μF to 4.7 μF range.
Another important consideration is that tantalum capacitors have higher ESR values than equivalent size
ceramics. This means that while it may be possible to find a tantalum capacitor with an ESR value within the
stable range, it would have to be larger in capacitance (which means bigger and more costly) than a ceramic
capacitor with the same ESR value. It should also be noted that the ESR of a typical tantalum will increase about
2:1 as the temperature goes from 25°C down to
−40°C, so some guard band must be allowed.
Figure 16.
NO-LOAD STABILITY
The LP5990 will remain stable and in regulation with no external load.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP5990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com