Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8551TLE/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LP8551TLE/NOPB
Description  LP8551 High-Efficiency LED Backlight Driver for Notebooks
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8551TLE/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP8551TLE/NOPB Datasheet HTML 25Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 26Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 27Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 28Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 29Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 30Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 31Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 32Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
LP8551
www.ti.com
SNVS673E – APRIL 2010 – REVISED SEPTEMBER 2014
8.6.2 EEPROM Bit Explanations
8.6.2.1 EEPROM Register Map
ADD
REGIST
D7
D6
D5
D4
D3
D2
D1
D0
R
ER
A0H
eeprom
CURRENT[7:0]
addr 0
A1H
eeprom
BOOST_FREQ[1:0]
EN_LED_FAULT
TEMP_LIM[1:0]
SLOPE[2:0]
addr 1
A2H
eeprom
ADAPTIVE_SPEED[1:0]
ADV_SLOPE
EN_ADAPT
EN_BOOST
BOOST_IMAX
addr 2
A3H
eeprom
UVLO[1:0]
EN_PSPWM
PWM_FREQ[4:0]
addr 3
A4H
eeprom
PWM_RESOLUTION[1:0]
EN_I_RES
LED_FAULT_THR
DRV_HEADR[2:0]
addr 4
A5H
eeprom
VBOOST[4:0]
addr 5
A6H
eeprom
addr 6
A7H
eeprom
EN_F_RES
HYSTERESIS[1:0]
addr 7
8.6.2.2 EEPROM Address 0
Address A0h
EEPROM ADDRESS 0 REGISTER
7
6
5
4
3
2
1
0
CURRENT[7:0]
Name
Bit
Access
Description
CURRENT
7:0
R/W
Backlight current adjustment. If EN_I_RES = 0 the maximum backlight current is
defined only with these bits as described below. If EN_I_RES = 1, then the external
resistor connected to ISET pin also scales the LED current. With 16 k
Ω resistor and
CURRENT set to 7Fh the output current is then 23 mA.
EN_I_RES = 0
EN_I_RES = 1
0000 0000
0 mA
0 mA
0000 0001
0.12 mA
(1/255) x 600 x 1.23V/RISET
0000 0010
0.24 mA
(2/255) x 600 x 1.23V/RISET
...
...
...
0111 1111
15.00 mA
(127/255) x 600 x 1.23V/RISET
...
...
...
1111 1101
29.76 mA
(253/255) x 600 x 1.23V/RISET
1111 1110
29.88 mA
(254/255) x 600 x 1.23V/RISET
1111 1111
30.00 mA
(255/255) x 600 x 1.23V/RISET
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LP8551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com