Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8727TMX/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # LP8727TMX/NOPB
Description  Micro/Mini USB Interface with Integrated 28V Charger
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8727TMX/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP8727TMX/NOPB Datasheet HTML 11Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 12Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 13Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 14Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 15Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 16Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 17Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 18Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
12 pF
SEND
/END
MIC
-
+
-
+
PULSE
GENERATOR
LDO
(2.3V/2/6V)
MR_COMP
SEND/END
LP8727
www.ti.com
SNVS898A – OCTOBER 2012 – REVISED MAY 2013
SEND/END BUTTON AND MICROPHONE REMOVAL DETECTION
The LP8727 supports SEND/END button and microphone removal detection features by monitoring voltage on ID
pin. When the microphone is connected to ID pin, it is biased by RES output through an external 2.2 k
Ω resistor.
In the event of removal of the microphone, the voltage on ID pin will go as high as the bias voltage which is
typically 2.3V, and this event will be detected by a comparator. The threshold for microphone removal detection
will be set to 90% of the bias voltage.
Headset accessories have a push button switch (SEND/END) between the ID pin and GND. In case that
SEND/END button is pressed, the voltage on ID pin will drop down to GND potential, and an internal comparator
is used to detect this event. The typical threshold of SEND/END button detection is set to 10% of the bias
voltage.
Both cases will generate interrupts to the host processor.
MICROPHONE LOW-POWER MODE
When the microphone is connected, it is powered from RES output through an external 2.2 k
Ω (typ.) resistor. In
case that the microphone is connected but not active, the LP8727 allows reducing the power dissipation at the
microphone, while it is still supporting SEND/END button and microphone removal detection.
During the microphone low-power mode, the internal 200 k
Ω resistor will be turned on for immediate microphone
removal detection, and RES output will cycling ON and OFF with a short period of time for SEND/END detection.
The microphone low-power mode is enabled by MIC_LP bit, and interrupts will be generated by SEND/END and
MR_COMP events.
Figure 3. MIC Low-Power Operation
EXPDET LDO
The EXPDET is overvoltage protected LDO output for low-voltage USB transceiver on the processor, or it can be
used as a startup trigger signal for the PMU.
The EXPDET LDO is directly powered from VBUS and can withstand up to 28V. The typical output voltage is set
to 4.85V and it is designed to supply up to 50 mA. For stable operation, a 1
μF ceramic capacitor is required at
the output.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP8727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com