Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8725TLX-C/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LP8725TLX-C/NOPB
Description  LP8725 Power Management Unit for Application or Multimedia Processors and Subsystems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8725TLX-C/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP8725TLX-C/NOPB Datasheet HTML 23Page - Texas Instruments LP8725TLX-C/NOPB Datasheet HTML 24Page - Texas Instruments LP8725TLX-C/NOPB Datasheet HTML 25Page - Texas Instruments LP8725TLX-C/NOPB Datasheet HTML 26Page - Texas Instruments LP8725TLX-C/NOPB Datasheet HTML 27Page - Texas Instruments LP8725TLX-C/NOPB Datasheet HTML 28Page - Texas Instruments LP8725TLX-C/NOPB Datasheet HTML 29Page - Texas Instruments LP8725TLX-C/NOPB Datasheet HTML 30Page - Texas Instruments LP8725TLX-C/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
LP8725
www.ti.com
SNVS618G – DECEMBER 2009 – REVISED MAY 2013
Table 11. Registers 0x01-0x05, 0x06-0x07, 0x08-0x0B
Addr
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit2
Bit 1
Bit 0
0x01
LDO1 O/P
LDO1
LDO1
LDO1
LDO1
LDO1
LDO1
LDO1
LDO1
T[2]
T[1]
T[0]
V[4]
V[3]
V[2]
V[1]
V[0]
0x02
LDO2 O/P
LDO2
LDO2
LDO2
LDO2
LDO2
LDO2
LDO2
LDO2
T[2]
T[1]
T[0]
V[4]
V[3]
V[2]
V[1]
V[0]
0x03
LDO3 O/P
LDO3
LDO3
LDO3
LDO3
LDO3
LDO3
LDO3
LDO3
T[2]
T[1]
T[0]
V[4]
V[3]
V[2]
V[1]
V[0]
0x04
LDO4 O/P
LDO4
LDO4
LDO4
LDO4
LDO4
LDO4
LDO4
LDO4
T[2]
T[1]
T[0]
V[4]
V[3]
V[2]
V[1]
V[0]
0x05
LDO5 O/P
LDO5
LDO5
LDO5
LDO5
LDO5
LDO5
LDO5
LDO5
T[2]
T[1]
T[0]
V[4]
V[3]
V[2]
V[1]
V[0]
0x06
LILO1 O/P
LILO1_
LILO1_
LILO1_
LILO1_
LILO1_
LILO1_
LILO1_
LILO1_
T[2]
T[1]
T[0]
V[4]
V[3]
V[2]
V[1]
V[0]
0x07
LILO2 O/P
LILO2_
LILO2_
LILO2_
LILO2_
LILO2_
LILO2_
LILO2_
LILO2_
T[2]
T[1]
T[0]
V[4]
V[3]
V[2]
V[1]
V[0]
0x08
BUCK1 O/P1
BUCK1_
BUCK1_
BUCK1_
BUCK1_
BUCK1_
BUCK1_
BUCK1_
BUCK1_
T[2]
T[1]
T[0]
V1[4]
V1[3]
V1[2]
V1[1]
V1[0]
0x09
BUCK1 O/P2
BUCK1_
BUCK1_
BUCK1_
BUCK1_
BUCK1_
BUCK1_
BUCK1_
CL[1]
CL[0]
V2[4]
V2[3]
V2[2
V2[1]
V2[0]
0x0A
BUCK2 O/P1
BUCK2_
BUCK2_
BUCK2_
BUCK2_
BUCK2_
BUCK2_
BUCK2_
BUCK2_
T[2]
CL[2]
T[0]
V1[4]
V1[3]
V1[2]
V1[1]
V1[0]
0x0B
BUCK2 O/P2
BUCK2_
BUCK2_
BUCK2_
BUCK2_
BUCK2_
BUCK2_
BUCK2_
CL[1]
CL[0]
V2[4]
V2[3]
V2[2]
V2[1]
V2[0]
Registers 0x01 - 0x05
Output Voltage Selection
LDO1_V[4:0]
00000
1.20V
01000
1.60V
10000
2.10V
11000
2.75V
LDO2_V[4:0]
00001
1.25V
01001
1.65V
10001
2.20V
11001
2.80V
LDO3_V[4:0]
00010
1.30V
01010
1.70V
10010
2.30V
11010
2.85V
LDO4_V[4:0]
00011
1.35V
01011
1.75V
10011
2.40V
11011
2.90V
LDO5_V[4:0]
00100
1.40V
01100
1.80V
10100
2.50V
11100
2.95V
00101
1.45V
01101
1.85V
10101
2.60V
11101
3.00V
00110
1.50V
01110
1.90V
10110
2.65V
11110
3.10V
00111
1.55V
01111
2.00V
10111
2.70V
11111
3.30V
Registers 0x06 - 0x07
Output Voltage Selection
LILO1_V[4:0]
00000
0.80V
01000
1.20V
10000
1.80V
11000
2.60V
LILO2_V[4:0]
00001
0.85V
01001
1.25V
10001
1.90V
11001
2.70V
00010
0.90V
01010
1.30V
10010
2.00V
11010
2.80V
00011
0.95V
01011
1.35V
10011
2.10V
11011
2.85V
00100
1.00V
01100
1.40V
10100
2.20V
11100
2.90V
00101
1.05V
01101
1.50V
10101
2.30V
11101
3.00V
00110
1.10V
01110
1.60V
10110
2.40V
11110
3.10V
00111
1.15V
01111
1.70V
10111
2.50V
11111
3.30V
Registers 0x08 - 0x0B
Output Voltage Selection
BUCK1_V[4:0]
00000
0.80V
01000
1.20V
10000
1.75V
11000
2.40V
BUCK2_V[4:0]
00001
0.85V
01001
1.25V
10001
1.80V
11001
2.50V
00010
0.90V
01010
1.30V
10010
1.85V
11010
2.60V
00011
0.95V
01011
1.35V
10011
1.90V
11011
2.70V
00100
1.00V
01100
1.40V
10100
2.00V
11100
2.80V
00101
1.05V
01101
1.50V
10101
2.10V
11101
2.85V
00110
1.10V
01110
1.60V
10110
2.20V
11110
2.90V
00111
1.15V
01111
1.70V
10111
2.30V
11111
3.00V
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LP8725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com