Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8900TLE-3333/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP8900TLE-3333/NOPB
Description  LP8900 200-mA Ultra-Low-Noise Dual LDO For RF and Analog Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8900TLE-3333/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP8900TLE-3333/NOPB Datasheet HTML 12Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 13Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 14Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 15Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 16Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 17Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 18Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 19Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
CIN
COUT2
OUT1
IN
GND
EN1
A2
A1
Via
B2
B1
C2
C1
OUT2
EN2
Via
COUT1
Via
Via
16
LP8900
SNVS542E – MAY 2008 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP8900
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
The dynamic performance of the LP8900 is dependant on the layout of the PCB. PCB layout practices that are
adequate for typical LDOs may degrade the PSRR, noise, or transient performance of the LP8900.
Best performance is achieved by placing CIN and COUT on the same side of the PCB as the device, and placing
them as close as is practical to the package. The ground connections for CIN and COUT must be back to the
LP8900 ground pin using as wide and as short of a copper trace as is practical.
Connections using long trace lengths, narrow trace widths, and/or connections through vias must be avoided.
These add parasitic inductances and resistance that results in inferior performance especially during transient
conditions.
11.2 Layout Example
Figure 20. LP8900 Example Layout
11.3 DSBGA Mounting
The DSBGA package requires specific mounting techniques which are detailed in the TI Application Note (AN-
1112) DSBGA Wafer Level Chip Scale Package (SNVA009). Referring to the section Surface Mount Technology
(SMT) Assenbly Considerations, the pad style that must be used with the 6-pin package is a NSMD (non-solder
mask defined) type.
For best results during assembly, alignment ordinals on the PCB may be used to facilitate placement of the
DSBGA device.
11.4 DSBGA Light Sensitivity
Exposing the DSBGA device to direct sunlight may cause mis-operation of the device. Light sources such as
halogen lamps can affect the electrical performance if brought near to the device.
The wavelengths that have the most detrimental effect are reds and infra-reds, which means that the fluorescent
lighting used inside most buildings has little effect on performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com